Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1681 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1681
Description  Dual Transistor Synchronous Forward Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1681 Datasheet(HTML) 4 Page - Linear Technology

  LT1681 Datasheet HTML 1Page - Linear Technology LT1681 Datasheet HTML 2Page - Linear Technology LT1681 Datasheet HTML 3Page - Linear Technology LT1681 Datasheet HTML 4Page - Linear Technology LT1681 Datasheet HTML 5Page - Linear Technology LT1681 Datasheet HTML 6Page - Linear Technology LT1681 Datasheet HTML 7Page - Linear Technology LT1681 Datasheet HTML 8Page - Linear Technology LT1681 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LT1681
1681f
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VCC = VBST = 12V, VBSTREF = 0V, VVC = 2V, VTS = 0V, VFB = VREF = 1.25V, CTG = CBG = CSG = 1000pF.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Drivers
VTG
TG On Voltage
q
11
11.5
V
TG Off Voltage
q
0.1
0.5
V
tTGr/f
TG Rise/Fall Times
10% to 90%/90% to 10%
35
ns
VBG
BG On Voltage
q
11
11.5
V
BG Off Voltage
q
0.1
0.5
V
tBGr/f
BG Rise/Fall Times
10% to 90%/90% to 10%
35
ns
VSG
SG On Voltage
q
11
11.5
V
SG Off Voltage
q
0.1
0.5
V
tSGr/f
SG Rise/Fall Times
10% to 90%/90% to 10%
35
ns
tSG-BG
SG to BG Enable Lag Time
4V On/Off Thresholds
q
80
150
300
ns
tTG-BG
TG to BG Enable Lag Time
4V On/Off Thresholds
100
ns
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Supply current specification does not include external FET gate
charge currents. Actual supply currents will be higher and vary with
operating frequency, operating voltages and the type of external switch
elements used. See Applications Information.
Note 3: Guaranteed but not tested.
Note 4: The LT1681E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. For guaranteed performance to
specifications over the –40
°C to 85°C range, the LT1681I is available.
TYPICAL PERFOR A CE CHARACTERISTICS
ICC Supply Current
vs Temperature
TEMPERATURE (
°C)
–55
15
125
80
1681 G01
–40
0
40
20
19
18
17
16
VCC = 12V
SHDN PIN VOLTAGE (mV)
500
700
900
1100
100
0
200
300
400
1681 G02
500
TA = 25°C
SUPPLY VOLTAGE (V)
9
16
18
16
1681 G03
15
10
12
14
18
17
TA = 25°C
ICC Supply Current
vs SHDN Pin Voltage
ICC Supply Current
vs VCC Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com