Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1681 Datasheet(PDF) 18 Page - Linear Technology

Part # LT1681
Description  Dual Transistor Synchronous Forward Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1681 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT1681 Datasheet HTML 12Page - Linear Technology LT1681 Datasheet HTML 13Page - Linear Technology LT1681 Datasheet HTML 14Page - Linear Technology LT1681 Datasheet HTML 15Page - Linear Technology LT1681 Datasheet HTML 16Page - Linear Technology LT1681 Datasheet HTML 17Page - Linear Technology LT1681 Datasheet HTML 18Page - Linear Technology LT1681 Datasheet HTML 19Page - Linear Technology LT1681 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LT1681
1681f
CURRENT (A)
1
80
85
90
36V
48V
72V
56789
10
1681 TA04
75
70
60
2
3
4
65
100
95
CURRENT (A)
2
70
75
85
90
36V
48V
72V
95
6
10
12
20
1681 TA05
80
48
14
16
18
100
TYPICAL APPLICATIO S
LT1681/LTC1698 36V-72V VIN to 5V/10A Module
(See Figure 7 for Application Schematic)
LT1681/LTC1698 Isolated 5V/10A Converter
Efficiency vs Load Current
LT1681/LTC1698 36V-72V VIN to 3.3V/20A Module
(See Figure 9 for Application Schematic)
LT1681/LTC1698 Isolated 3.3V/20A Converter
Efficiency vs Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com