Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1681 Datasheet(PDF) 20 Page - Linear Technology

Part # LT1681
Description  Dual Transistor Synchronous Forward Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1681 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1681 Datasheet HTML 12Page - Linear Technology LT1681 Datasheet HTML 13Page - Linear Technology LT1681 Datasheet HTML 14Page - Linear Technology LT1681 Datasheet HTML 15Page - Linear Technology LT1681 Datasheet HTML 16Page - Linear Technology LT1681 Datasheet HTML 17Page - Linear Technology LT1681 Datasheet HTML 18Page - Linear Technology LT1681 Datasheet HTML 19Page - Linear Technology LT1681 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LT1681
1681f
©LINEAR TECHNOLOGY CORPORATION 2001
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900q FAX:(408)434-0507 q www.linear-tech.com
LT/TP 0302 2K • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LT1158
Half-Bridge N-Channel MOSFET Driver
Current Limit Protection, 100% of Duty Cycle
LT1160
Half-Bridge N-Channel MOSFET Driver
Up to 60V Input Supply, No Shoot-Through
LT1162
Dual Half-Bridge N-Channel MOSFET Driver
VIN to 60V, Good for Full-Bridge Applications
LT1336
Half-Bridge N-Channel MOSFET Driver
Smooth Operation at High Duty Cycle (95% to 100%)
LT1339
High Power Synchronous DC/DC Controller
60V Dual N-Channel MOSFET Controller
LTC
®1530
High Power Step-Down Switching Regulator Controller
Excellent for 5V to 3.x Up to 50A
LTC1622
550kHz Step-Down Controller
8-Pin MSOP; Synchronizable; Soft-Start; Current Mode
LTC1625/LTC1775
No RSENSE
TM Current Mode Synchronous Step-Down Controller
97% Efficiency; No Sense Resistor; 16-Pin SSOP
LTC1628-PG
Dual, 2-Phase Synchronous Step-Down Controller
Power Good Output; Minimum Input/Output Capacitors;
3.5V
≤ VIN ≤ 36V
LTC1628-SYNC
Dual, 2-Phase Synchronous Step-Down Controller
Synchronizable 150kHz to 300kHz, VIN to 36V
LT1680
High Power DC/DC Current Mode Step-Up Controller
High Side Current Sense, Up to 60V Input
LTC1698
Secondary Synchronous Rectifier Controller
Use with the LT1681, Isolated Power Supplies, Contains
Voltage Margining, Optocoupler Driver, Synchronization Circuit
with the Primary Side
LTC1709-7
High Efficiency, 2-Phase Synchronous Step-Down Controller
Up to 42A Output; 0.925V
≤ VOUT ≤ 2V
with 5-Bit VID
LTC1709-8
High Efficiency, 2-Phase Synchronous Step-Down Controller
Up to 42A Output; VRM 8.4; 1.3V
≤ VOUT ≤ 3.5V
LTC1735
High Efficiency, Synchronous Step-Down Controller
Burst Mode
® Operation; 16-Pin Narrow SSOP;
3.5V
≤ VIN ≤ 36V
LTC1736
High Efficiency, Synchronous Step-Down Controller with 5-Bit VID
Mobile VID; 0.925V
≤ VOUT ≤ 2V; 3.5V ≤ VIN ≤ 36V
LTC1772
ThinSOT
TM Step-Down Controller
Current Mode; 550kHz; Very Small Solution Size
LTC1773
Synchronous Step-Down Controller
Up to 95% Efficiency, 550kHz, 2.65V
≤ VIN ≤ 8.5V,
0.8V
≤ VOUT ≤ VIN, Synchronizable to 750kHz
LTC1778
Wide Operating Range, No RSENSE Step-Down Controller
GN16-Pin, 0.8V FB Reference
LTC1874
Dual, Step-Down Controller
Current Mode; 550kHz; Small 16-Pin SSOP, VIN < 9.8V
LTC1876
2-Phase, Dual Synchronous Step-Down Controller with
3.5V
≤ VIN ≤ 36V, Power Good Output, 300kHz Operation
Step-Up Regulator
LTC1922-1
Synchronous Phase Modulated Full-Bridge Controller
50W to 2kW Power Supply Design, Adaptive Direct Sense ZVS
LTC1929
2-Phase 42A Synchronous Controller
Minimizes CIN and COUT, 4V ≤ VIN ≤ 36V, 300kHz
LTC3714
Intel Compatible, Wide Operating Range, No RSENSE Step-Down
G28 Package, VOUT = 0.6V to 1.75V 5-Bit Mobile VID,
Controller with Internal Op Amp
Active Voltage Positioning IMVP2, VIN to 36V
LTC3716
High Efficiency, 2-Phase Synchronous Step-Down Controller
VOUT = 0.6V to 1.75V, Active Voltage Positioning IMVP2,
with 5-Bit Mobile VID
VIN to 36V
RELATED PARTS
No RSENSE and ThinSOT are trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technolgy Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com