Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF3035 Datasheet(PDF) 9 Page - ON Semiconductor

Part # FDMF3035
Description  Smart Power Stage (SPS) Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF3035 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FDMF3035 Datasheet HTML 5Page - ON Semiconductor FDMF3035 Datasheet HTML 6Page - ON Semiconductor FDMF3035 Datasheet HTML 7Page - ON Semiconductor FDMF3035 Datasheet HTML 8Page - ON Semiconductor FDMF3035 Datasheet HTML 9Page - ON Semiconductor FDMF3035 Datasheet HTML 10Page - ON Semiconductor FDMF3035 Datasheet HTML 11Page - ON Semiconductor FDMF3035 Datasheet HTML 12Page - ON Semiconductor FDMF3035 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Typical Performance Characteristics
Test Conditions: VIN=12 V, VCC=PVCC=5 V, VOUT=1 V, LOUT=250 nH, TA=25°C and natural convection cooling, unless
otherwise noted.
Figure 16.
UVLO Threshold vs. Temperature
Figure 17.
PWM Threshold vs. Driver Supply Voltage
Figure 18.
PWM Threshold vs. Temperature
Figure 19.
FCCM Threshold vs. Driver
Supply Voltage
Figure 20.
FCCM Threshold vs. Temperature
Figure 21.
FCCM Pull-Up Current vs. Temperature
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
-50
-25
0
25
50
75
100
125
150
175
Driver IC Junction Temperature, TJ [oC]
UVLOUP
UVLODN
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
4.50
4.75
5.00
5.25
5.50
Driver Supply Voltage, VCC [V]
VIH_PWM
TA = 25°C
VTRI_HI
VTRI_LO
VIL_PWM
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-50
-25
0
25
50
75
100
125
150
175
Driver IC Junction Temperature, TJ [oC]
VCC = 5V
VIH_PWM
VTRI_HI
VTRI_LO
VIL_PWM
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.50
4.75
5.00
5.25
5.50
Driver Supply Voltage, VCC [V]
VIH_FCCM
VTRI_LO_FCCM
TA = 25°C
VTRI_HI_FCCM
VIL_FCCM
VHIZ_FCCM
1
1.5
2
2.5
3
3.5
4
-50
-25
0
25
50
75
100
125
150
175
Driver IC Junction Temperature, TJ [oC]
VTRI_HI_FCCM
VTRI_LO_FCCM
VCC = 5V
VIH_FCCM
VIL_FCCM
VHIZ_FCCM
42
44
46
48
50
52
54
-50
-25
0
25
50
75
100
125
150
175
Driver IC Junction Temperature, TJ [oC]
VCC = 5V
www.onsemi.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com