Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF3035 Datasheet(PDF) 15 Page - ON Semiconductor

Part # FDMF3035
Description  Smart Power Stage (SPS) Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF3035 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button FDMF3035 Datasheet HTML 11Page - ON Semiconductor FDMF3035 Datasheet HTML 12Page - ON Semiconductor FDMF3035 Datasheet HTML 13Page - ON Semiconductor FDMF3035 Datasheet HTML 14Page - ON Semiconductor FDMF3035 Datasheet HTML 15Page - ON Semiconductor FDMF3035 Datasheet HTML 16Page - ON Semiconductor FDMF3035 Datasheet HTML 17Page - ON Semiconductor FDMF3035 Datasheet HTML 18Page - ON Semiconductor FDMF3035 Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Application Information
Decoupling Capacitor for PVCC & VCC
For the supply inputs (PVCC and VCC pins), local
decoupling capacitors are required to supply the peak
driving current and to reduce noise during switching
operation. Use at least 0.68 ~ 1 µF / 0402 ~ 0603 / X5R
~ X7R multi-layer ceramic capacitors for both power
rails. Keep these capacitors close to the PVCC and
VCC pins and PGND and AGND copper planes. If the
de-coupling capacitors need to be located on the bottom
side of board, place through-hole vias on each pad
connecting top side and bottom side PVCC and VCC
nodes with low impedance current paths, see Figure 30
and Figure 31.
The supply voltage range on PVCC and VCC is 4.5 V ~
5.5 V, and typically 5 V for normal applications.
R-C Filter on VCC
The PVCC pin provides power to the gate drive of the
high-side and low-side power MOSFETs. In most cases,
PVCC can be connected directly to VCC, which is the
pin that provides power to the analog and logic blocks of
the driver. To avoid switching noise injection from PVCC
into VCC, a filter resistor can be inserted between
PVCC and VCC decoupling capacitors.
Recommended filter resistor value range is 0 ~ 4.7
Ω,
typically 0
Ω for most applications.
Bootstrap Circuit
The bootstrap circuit uses a charge storage capacitor
(CBOOT). A bootstrap capacitor of 0.1 ~ 0.22 µF / 0402 ~
0603 / X5R ~ X7R is usually appropriate for most
switching applications. A series bootstrap resistor may
be needed for specific applications to lower high-side
MOSFET switching speed. The boot resistor is required
when the SPS is switching above 15 V VIN; when it is
effective at controlling VSW overshoot. RBOOT value from
zero to 4.7
Ω is typically recommended to reduce
excessive voltage spike and ringing on the SW node. A
higher RBOOT value can cause lower efficiency due to
high switching loss of high-side MOSFET.
Do not add a capacitor or resistor between the BOOT
pin and GND.
PWM (Input)
The PWM pin recognizes three different logic levels
from PWM controller: HIGH, LOW, and 3-state. When
the PWM pin receives a HIGH command, the gate
driver turns on the high-side MOSFET. When the PWM
pin receives a LOW command, the gate driver turns on
the low-side MOSFET. When the PWM pin receives a
voltage signal inside of the 3-state window (VTRI_Window)
and exceeds the 3-state hold-off time, the gate driver
turns off both high-side and low-side MOSFETs. To
recognize the high-impedance 3-state signal from the
controller, the PWM pin has an internal resistor divider
from VCC to PWM to AGND. The resistor divider sets
a voltage level on the PWM pin inside the 3-state
window when the PWM signal from the controller is
high-impedance.
FCCM (Input)
When the FCCM pin is set HIGH, the driver IC Zero
Cross Detect (ZCD) comparator is disabled and the
high-side and low-side MOSFETs switch in FCCM
(Forced CCM) and follows the PWM signal. When the
FCCM pin is set LOW, the low-side MOSFET turns off
when the SPS driver detects negative inductor current
during the low-side MOSFET turn-on period. This
operating mode is commonly referred to as diode
emulation. The diode emulation feature allows for higher
converter efficiency during light-load condition and PFM
/ DCM operation.
Applications that require diode emulation and/or low
shutdown current should actively drive the FCCM pin
from a PWM controller. Do not add any noise filter
capacitor on the FCCM pin.
www.onsemi.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com