Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF3035 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FDMF3035
Description  Smart Power Stage (SPS) Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF3035 Datasheet(HTML) 3 Page - ON Semiconductor

  FDMF3035 Datasheet HTML 1Page - ON Semiconductor FDMF3035 Datasheet HTML 2Page - ON Semiconductor FDMF3035 Datasheet HTML 3Page - ON Semiconductor FDMF3035 Datasheet HTML 4Page - ON Semiconductor FDMF3035 Datasheet HTML 5Page - ON Semiconductor FDMF3035 Datasheet HTML 6Page - ON Semiconductor FDMF3035 Datasheet HTML 7Page - ON Semiconductor FDMF3035 Datasheet HTML 8Page - ON Semiconductor FDMF3035 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Pin Configuration
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
8
7
6
5
4
3
2
1
FDMF3035
SW
SW
SW
GL
PGND
PVCC
N/C
N/C
PGND
PGND
PGND
PGND
VIN
VIN
VIN
8
7
6
5
4
3
2
1
16
17
18
19
20
21
22
23
32
AGND
33
GL
Figure 3.
Pin Configuration - Top View and Transparent View
Pin Definitions
Pin #
Name
Description
1
PWM
PWM input to the gate driver IC
2
FCCM
The FCCM pin enables or disables Diode Emulation. When FCCM is LOW, diode
emulation is allowed. When FCCM is HIGH, continuous conduction mode is forced. High
impedance on the input of FCCM will shut down the driver IC (and module).
3
VCC
Power supply input for all analog control functions; this is the
“quiet” VCC
4, 32
AGND
Analog ground for analog portions of the IC and for substrate, pin 4 and pin 32 are
internally fused (shorted)
5
BOOT
Supply for high-side MOSFET gate driver. A capacitor from BOOT to PHASE supplies the
charge to turn on the N-channel high-side MOSFET. During the freewheeling interval (LS
MOSFET on), the high side capacitor is recharged by an internal diode connected to
PVCC.
6, 30, 31
N/C
No connect
7
PHASE
Return connection for the boot capacitor
8~11
VIN
Power input for the power stage
12~15, 28
PGND
Power return for the power stage
16~26
SW
Switching node junction between high and low side MOSFETs; also the input into both the
gate driver SW node comparator and the ZCD comparator
27, 33
GL
Low-side MOSFET gate monitor
29
PVCC
Power supply input for LS
(1) gate driver and boot diode
Note:
1.
LS = Low Side.
www.onsemi.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com