Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF3035 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FDMF3035
Description  Smart Power Stage (SPS) Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF3035 Datasheet(HTML) 4 Page - ON Semiconductor

  FDMF3035 Datasheet HTML 1Page - ON Semiconductor FDMF3035 Datasheet HTML 2Page - ON Semiconductor FDMF3035 Datasheet HTML 3Page - ON Semiconductor FDMF3035 Datasheet HTML 4Page - ON Semiconductor FDMF3035 Datasheet HTML 5Page - ON Semiconductor FDMF3035 Datasheet HTML 6Page - ON Semiconductor FDMF3035 Datasheet HTML 7Page - ON Semiconductor FDMF3035 Datasheet HTML 8Page - ON Semiconductor FDMF3035 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Absolute Maximum Ratings
Stresses exceeding the Absolute Maximum Ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only. TA = TJ = 25°C
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
Referenced to AGND
-0.3
7.0
V
PVCC
Drive Voltage
Referenced to AGND
-0.3
7.0
V
VPWM
PWM Signal Input
Referenced to AGND
-0.3
VCC+0.3
V
VFCCM
Skip Mode Input
Referenced to AGND
-0.3
VCC+0.3
V
VGL
Low Gate Manufacturing Test
Pin
Referenced to PGND (DC)
GND-0.3
VCC+0.3
V
Referenced to PGND (AC < 20 ns, 10 µJ)
GND-0.3
VCC+0.3
V
VIN
Power Input
Referenced to PGND
-0.3
30.0
V
VPHASE
VSW
PHASE and SW
Referenced to PGND (DC)
-0.3
30.0
V
Referenced to PGND (AC < 20 ns, 10 µJ)
-8.0
30.0
VBOOT
Bootstrap Supply
Referenced to AGND (DC)
-0.3
33.0
V
VBOOT-PHASE Boot to PHASE Voltage
DC
-0.3
7.0
V
AC < 20 ns, 10 µJ
-0.3
9.0
V
IO(AV)
(2)
Output Current
fSW=300 kHz, VIN=12 V, VOUT=1 V
50
A
fSW=1000 kHz, VIN=12 V, VOUT=1 V
45
θJ-A
Junction-to-Ambient Thermal Resistance
12.4
°C/W
θJ-PCB
Junction-to-PCB Thermal Resistance (under
ON Semiconductor SPS Thermal Board)
1.8
°C/W
TA
Ambient Temperature Range
-40
+125
°C
TJ
Maximum Junction Temperature
+150
°C
TSTG
Storage Temperature Range
-55
+150
°C
ESD
Electrostatic Discharge
Protection
Human Body Model, JESD22-A114
1.5
kV
Charged Device Model, JESD22-C101
2.5
Note:
2.
IO(AV) is rated with testing
ON Semiconductor's SPS evaluation board at TA = 25°C with natural convection cooling.
This
rating is limited by the peak SPS temperature, TJ = 150°C, and varies depending on operating conditions and
PCB layout. This rating may be changed with different application settings.
Recommended Operating Conditions
The
Recommended
Operating
Conditions
table
defines
the
conditions
for
actual
device
operation.
Recommended Operating Conditions are specified to ensure optimal performance to the datasheet specifications.
ON Semiconductor does not recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Control Circuit Supply Voltage
4.5
5.0
5.5
V
PVCC
Gate Drive Circuit Supply Voltage
4.5
5.0
5.5
V
VIN
Output Stage Supply Voltage
4.5
(3)
12.0
24.0
(4)
V
Notes:
3.
3.0 V VIN is possible according to the application condition.
4.
Operating at high VIN can create excessive AC voltage overshoots on the SW-to-GND and BOOT-to-GND nodes
during MOSFET switching transient. For reliable SPS operation, SW to GND and BOOT to GND must remain at
or below the Absolute Maximum Ratings in the table above.
www.onsemi.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com