Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF3035 Datasheet(PDF) 13 Page - ON Semiconductor

Part # FDMF3035
Description  Smart Power Stage (SPS) Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF3035 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FDMF3035 Datasheet HTML 9Page - ON Semiconductor FDMF3035 Datasheet HTML 10Page - ON Semiconductor FDMF3035 Datasheet HTML 11Page - ON Semiconductor FDMF3035 Datasheet HTML 12Page - ON Semiconductor FDMF3035 Datasheet HTML 13Page - ON Semiconductor FDMF3035 Datasheet HTML 14Page - ON Semiconductor FDMF3035 Datasheet HTML 15Page - ON Semiconductor FDMF3035 Datasheet HTML 16Page - ON Semiconductor FDMF3035 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Synchronous Buck Operating Modes
Continuous Current Mode with Positive
Inductor Current (CCM1)
This condition is typical of a moderate-to-heavily loaded
power stage. During this mode, the inductor current is
always flowing towards the output capacitor. The high-
side MOSFET is hard-switching during the turn-on and
turn-off
events.
The
low-side
MOSFET
acts
a
synchronous rectifier.
Continuous Current Mode with Negative
Inductor Current (CCM2)
This operating mode can occur during two situations:
1.) A converter load transient may force the power
stage to pull energy from the output capacitors and
deliver the energy back to the input capacitors (Boost
Mode). This situation is common in synchronous buck
applications
that
require
output
voltage
load-line
positioning.
During this mode, the negative inductor current (current
flowing into FDMF3035 SW node) may become large
and persist for many cycles. This situation causes the
low-side MOSFET to hard switch and the high-side
MOSFET acts as a synchronous rectifier. It is highly
recommended to check peak SW node voltage stress
during any situation that can generate large negative
inductor currents.
2.) A power stage that is operating in forced CCM
mode with lighter converter loads. Here, the inductor
peak-to-peak ripple current is greater than two times the
load current and the inductor current is flowing both
positive and negative in a switching cycle.
Discontinuous Current Mode (DCM)
This condition is typical of a lightly loaded power stage.
During DCM, the high-side MOSFET turns on into an
un-energized out filter inductor (i.e. zero inductor
current). The inductor current ramps up during the high-
side MOSFET on-time and is then allowed to ramp back
down to aero amps during the low-side on-time (i.e
inductor current returns to zero every switching cycle.
High-Side Driver
The high-side driver (HDRV) is designed to drive a
floating N-channel MOSFET (Q1). The bias voltage for
the high-side driver is developed by a bootstrap supply
circuit, consisting of the internal Schottky diode and
external bootstrap capacitor (CBOOT). During startup, the
SW node should be held at PGND, allowing CBOOT to
charge to PVCC through the internal bootstrap diode.
When the PWM input goes HIGH, HDRV begins to
charge the gate of the high-side MOSFET (internal GH
pin). During this transition, the charge is removed from
the CBOOT and delivered to the gate of Q1. As Q1 turns
on, SW rises to VIN, forcing the BOOT pin to VIN +
VBOOT, which provides sufficient VGS enhancement for
Q1. To complete the switching cycle, Q1 is turned off by
pulling HDRV to SW. CBOOT is then recharged to PVCC
when the SW falls to PGND. HDRV output is in phase
with the PWM input. The high-side gate is held LOW
when the driver is disabled or the PWM signal is held
within the 3-state window for longer than the 3-state
hold-off time, tD_HOLD-OFF.
Low-Side Driver
The low-side driver (LDRV) is designed to drive the
gate-source
of
a
ground-referenced,
low-RDS(ON),
N-channel MOSFET (Q2). The bias for LDRV is
internally connected between the PVCC and AGND.
When the driver is enabled, the driver output is 180° out
of phase with the PWM input. When the driver is
disabled (FCCM = 0 V), LDRV is held LOW.
www.onsemi.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com