Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF3035 Datasheet(PDF) 1 Page - ON Semiconductor

Part # FDMF3035
Description  Smart Power Stage (SPS) Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF3035 Datasheet(HTML) 1 Page - ON Semiconductor

  FDMF3035 Datasheet HTML 1Page - ON Semiconductor FDMF3035 Datasheet HTML 2Page - ON Semiconductor FDMF3035 Datasheet HTML 3Page - ON Semiconductor FDMF3035 Datasheet HTML 4Page - ON Semiconductor FDMF3035 Datasheet HTML 5Page - ON Semiconductor FDMF3035 Datasheet HTML 6Page - ON Semiconductor FDMF3035 Datasheet HTML 7Page - ON Semiconductor FDMF3035 Datasheet HTML 8Page - ON Semiconductor FDMF3035 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Publication Order Number:
FDMF3035/D
© 2015
Semiconductor Components Industries, LLC.
November-2017, Rev. 2
FDMF3035
– Smart Power Stage (SPS) Module
Features
Supports PS4 Mode for IMVP-8
Ultra-Compact 5 mm x 5 mm PQFN Copper-Clip
Package with Flip Chip Low-Side MOSFET
High Current Handling: 50 A
3-State 5 V PWM Input Gate Driver
Low Shutdown Current I
VCC < 6 µA
Diode Emulation for Enhanced Light Load
Efficiency
ON Semiconductor PowerTrench® MOSFETs for
Clean Voltage Waveforms and Reduced Ringing
ON Semiconductor SyncFET™ Technology
(Integrated Schottky Diode) in Low-Side MOSFET
Integrated Bootstrap Schottky Diode
Optimized / Extremely Short Dead-Times
Under-Voltage Lockout (UVLO) on VCC
Optimized for Switching Frequencies up to 1.5 MHz
Operating Junction Temperature Range:
-40°C to +125°C
ON Semiconductor Green Packaging and RoHS
Compliance
Description
The
SPS
family
is
ON Semiconductor’s next-
generation, fully optimized,
ultra-compact,
integrated
MOSFET
plus driver
power
stage
solution
for
high-current,
high-frequency, synchronous buck, DC-
DC applications. The FDMF3035 integrates a driver
IC
with
a
bootstrap Schottky
diode
and
two
power
MOSFETs
into
a thermally
enhanced,
ultra-compact
5 mm
x
5 mm package.
With an integrated approach, the SPS switching power
stage is optimized for driver and MOSFET dynamic
performance, minimized system inductance, and power
MOSFET
RDS(ON).
The
SPS
family
uses
ON
Semiconductor's
high-performance
PowerTrench
®
MOSFET
technology, which reduces switch ringing,
eliminating the need for a snubber circuit in most buck
converter applications.
A driver IC with reduced dead times and propagation
delays
further
enhances
the
performance.
The
FDMF3035 supports diode emulation (using FCCM pin)
for improved light-load efficiency. The FDMF3035 also
provides a 3-state 5 V PWM input for compatibility with
a wide range of PWM controllers.
Applications
Notebook, Tablet PC and Ultrabook
Servers and Workstations, V-Core and Non-V-Core
DC-DC Converters
Desktop and All-in-One Computers, V-Core and
Non-V-Core DC-DC Converters
High-Current DC-DC Point-of-Load Converters
Small Form-Factor Voltage Regulator Modules
Ordering Information
Part Number
Current Rating
Package
Top Mark
FDMF3035
50 A
31-Lead, Clip Bond PQFN SPS, 5.0 mm x 5.0 mm Package
FDMF3035


Similar Part No. - FDMF3035

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMF3030 FAIRCHILD-FDMF3030 Datasheet
1Mb / 19P
Extra-Small, High-Performance, High-Frequency, DrMOS Module
logo
ON Semiconductor
FDMF3030 ONSEMI-FDMF3030 Datasheet
1Mb / 21P
Extra-Small, High-Performance, High-Frequency, DrMOS Module
September 2012 Rev. 1.0.0
FDMF3033 ONSEMI-FDMF3033 Datasheet
1Mb / 22P
Smart Power Stage (SPS) Module
February 2016 Rev. 1.0
FDMF3037 ONSEMI-FDMF3037 Datasheet
839Kb / 22P
Stainless Steel Body
September 2015 Rev. 1.4
FDMF3039 ONSEMI-FDMF3039 Datasheet
970Kb / 22P
Smart Power Stage (SPS) Module
August 2017 Rev. 2
More results

Similar Description - FDMF3035

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDMF3033 ONSEMI-FDMF3033 Datasheet
1Mb / 22P
Smart Power Stage (SPS) Module
February 2016 Rev. 1.0
FDMF301155 ONSEMI-FDMF301155 Datasheet
888Kb / 22P
Smart Power Stage (SPS) Module
November 2016 Rev. 1.0
FDMF3039 ONSEMI-FDMF3039 Datasheet
970Kb / 22P
Smart Power Stage (SPS) Module
August 2017 Rev. 2
FDMF5821DC ONSEMI-FDMF5821DC Datasheet
1Mb / 25P
Smart Power Stage (SPS) Module
October-2017, Rev. 2
FDMF5822DC ONSEMI-FDMF5822DC Datasheet
1Mb / 26P
Smart Power Stage (SPS) Module
Rev. 1.9
FDMF5823DC ONSEMI-FDMF5823DC Datasheet
1Mb / 26P
Smart Power Stage (SPS) Module
Rev. 1.9
FDMF5826DC ONSEMI-FDMF5826DC Datasheet
1Mb / 26P
Smart Power Stage (SPS) Module
Rev. 1.8
FDMF5833 ONSEMI-FDMF5833 Datasheet
2Mb / 25P
Smart Power Stage (SPS) Module
October-2017, Rev. 2
FDMF5839 ONSEMI-FDMF5839 Datasheet
1Mb / 30P
Smart Power Stage (SPS) Module
Rev. 1.9
FDMF3180 ONSEMI-FDMF3180 Datasheet
254Kb / 4P
Smart Power Stage (SPS) Module
November 2016 Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com