Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24CP02C Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE24CP02C
Description  I2C-Compatible Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24CP02C Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE24CP02C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ACE24CP02C
I
2
C-Compatible Serial EEPROM
VER 1.1
3
Pin Descriptions
Serial Clock (SCL): The SCL input is used to positive-edge clock data in and negative-edge clock data
out of each device.
Serial Data (SDA): The SDA pin is bidirectional for serial data transfer. This pin is open drain driven and
may be wire-ORed with any number of other open-drain or open-collector devices.
Device Addresses (E2, E1, E0): The E2, E1, and E0 pins are device address inputs. Typically, the E2,
E1, and E0 pins are for hardware addressing and a total of 8 devices can be connected on a single bus
system. If these pins are left floating, the E2, E1, and E0 pins will be internally pulled down to GND.
Write Control (WCB): The Write Control input, when WCB is connected directly to V
CC, all write
operations to the memory are inhibited. When connected to GND, allows normal write operations. If the
pin is left floating, the WCB pin will be internally pulled down toGND.
Pin Capacitance
Test Conditions: TA = 25°C, F = 1MHz, VCC = 5.0V.
Symbol
Parameter
Max
Units
Test Condition
CI/O
Input/Output Capacitance (SDA)
8
pF
VI/O=GND
CIN
Input Capacitance (E0,E1,E2,WCB,SCL)
6
pF
VIN=GND
DC Characteristics
Unless otherwise specified, VCC = 1.7V to 5.5V, TA = –40°C to 125°C
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC
Supply Voltage
1.7
5.5
V
ISB
Supply Current
V
CC@3.3V,TA = 85℃
1.0
µA
V
CC@5.5V,TA = 85℃
3.0
µA
ICC1
Supply Read Current
VCC=5.5V,Read at 400Khz
0.2
0.4
mA
ICC2
Supply Write Current
VCC=5.5V,Write at 400Khz
0.8
1.6
mA
ILI
Input Leakage Current
V
IN= VCC or GND
0.10
1.0
µA
ILO
Output Leakage Current
V
OUT= VCC or GND
0.05
1.0
µA
VIL
Input Low Level
-0.6
0.3VCC
V
VIH
Input High Level
-07VCC
VCC+0.5
V
VOL1
Output Low Level
VCC=1.7V(SDL)
I
OL= 1.5 mA
0.2
V
VOL2
Output Low Level
VCC=3.0V(SDL)
I
OL = 2.1 mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com