Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24CP02C Datasheet(PDF) 10 Page - ACE Technology Co., LTD.

Part # ACE24CP02C
Description  I2C-Compatible Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24CP02C Datasheet(HTML) 10 Page - ACE Technology Co., LTD.

Back Button ACE24CP02C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 11Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 12Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ACE24CP02C
I
2
C-Compatible Serial EEPROM
VER 1.1
10
(B)
Random Read
A Random Read requires a “dummy” byte write sequence to load in the data word address. Once the
device address word and data word address are clocked in and acknowledged by the ACE24CP02C,
the microcontroller must generate another start condition. The microcontroller now initiates a Current
Address Read by sending a device address with the read/write select bit high. The ACE24CP02C
acknowledges the device address and serially clocks out the data word. The microcontroller does
not respond with a “0” but does generate a following stop condition (see Figure 10).
(C)
Sequential Read
Sequential Reads are initiated by either a Current Address Read or a Random Address Read. After
the microcontroller receives a data word, it responds with acknowledge. As long as the
ACE24CP02C receives acknowledge, it will continue to increment the data word address and serially
clock out sequential data words. When the memory address limit is reached, the data word address
will roll-over and the Sequential Read will continue. The Sequential Read operation is terminated
when the microcontroller does not respond with a “0” but does generate a following stop condition
(see Figure 11)
Figure10:Random Read
Figure11:Sequential Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com