Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24CP02C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE24CP02C
Description  I2C-Compatible Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24CP02C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE24CP02C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ACE24CP02C
I
2
C-Compatible Serial EEPROM
VER 1.1
1
Description
The ACE24CP02C is 2-Kbit I
2C-compatible Serial EEPROM (Electrically Erasable Programmable
Memory) device. It contains a memory array of 256 × 8bits, which is organized in 8 bytes per page.
ACE24CP02C provides the following devices for different application.
Features
Single Supply Voltage and High Speed
Minimum operating voltage down to 1.6V
1 MHz clock from 2.5V to 5.5V
400kHz clock from 1.7V to 2.5V
Low power CMOS technology
Read current 400uA, maximum
Write current 1.6mA, maximum
Schmitt Trigger, Filtered Inputs for Noise Suppression
Sequential & Random Read Features
Page Write Modes, Partial Page Writes Allowed
Write protect of the whole memory array
Self-timed Write Cycle (5ms maximum)
High Reliability
Endurance: > 1 Million Write Cycles
Data Retention: > 100 Years
ESD HBM: 4KV
Latch-up Capability: +/- 200mA
Package: USON3*2-8
Absolute Maximum Ratings
Storage Temperature
-60℃to 150℃
Operation Temperature
-40℃to 85℃
Maximum Operation Voltage
6.25V
Voltage on Any Pin with Respect to Ground.
-1.0V to (Vcc+1.0)V
DC Output Current
5.0 mA
Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational
listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device
reliability.


Similar Part No. - ACE24CP02C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C02 ACE-ACE24C02 Datasheet
295Kb / 17P
Two-wire Serial EEPROM
VER 1.3
ACE24C02 ACE-ACE24C02 Datasheet
654Kb / 20P
Two-wire Serial EEPROM
VER 1.3
ACE24C02A ACE-ACE24C02A Datasheet
279Kb / 14P
Two-wire Serial EEPROM
VER 1.2
ACE24C02ADP+TH ACE-ACE24C02ADP+TH Datasheet
279Kb / 14P
Two-wire Serial EEPROM
VER 1.2
ACE24C02ADP+UH ACE-ACE24C02ADP+UH Datasheet
279Kb / 14P
Two-wire Serial EEPROM
VER 1.2
More results

Similar Description - ACE24CP02C

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24C01A-W ROHM-BR24C01A-W Datasheet
341Kb / 13P
I2C BUS compatible serial EEPROM
BR24C08 ROHM-BR24C08 Datasheet
298Kb / 12P
I2C BUS compatible serial EEPROM
logo
ATMEL Corporation
AT24CS01 ATMEL-AT24CS01 Datasheet
844Kb / 23P
I2C-Compatible (2-wire) Serial EEPROM
AT24CS04 ATMEL-AT24CS04 Datasheet
844Kb / 24P
I2C-Compatible (2-wire) Serial EEPROM
AT24C04C-PUM ATMEL-AT24C04C-PUM Datasheet
831Kb / 24P
I2C-Compatible, (2-wire) Serial EEPROM
AT24C08C-SSHM-B ATMEL-AT24C08C-SSHM-B Datasheet
831Kb / 24P
I2C-Compatible, (2-wire) Serial EEPROM
AT24C16C-PUM ATMEL-AT24C16C-PUM Datasheet
998Kb / 23P
I2C-Compatible, (2-Wire) Serial EEPROM
AT24C128C-SSHM-B ATMEL-AT24C128C-SSHM-B Datasheet
968Kb / 22P
I2C-Compatible (2-Wire) Serial EEPROM
AT24C01C ATMEL-AT24C01C Datasheet
960Kb / 23P
I2C-Compatible (2-wire) Serial EEPROM
AT24C512C ATMEL-AT24C512C Datasheet
928Kb / 23P
I2C-Compatible (2-wire) Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com