Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24CP02C Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE24CP02C
Description  I2C-Compatible Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24CP02C Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE24CP02C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ACE24CP02C
I
2
C-Compatible Serial EEPROM
VER 1.1
4
AC Characteristics
Unless otherwise specified, VCC= 1.7V to 5.5V, TA = –40°C to 85°C, CL=100pF, Test Conditions are listed in Notes2
Symbol
Parameter
1.7≤V
CC<2.5
2.5
≤ V
CC
≤5.5
Units
Min
Max
Min
Max
fSCL
Clock Frequency, SCL
400
1000
kHz
tLOW
Clock Pulse Width Low
1.3
0.4
µs
tHIGH
Clock Pulse Width High
0.6
0.4
µs
tAA
Clock Low to Data Out Valid
0.05
0.9
0.05
0.55
µs
tI
Noise Suppression Time
0.1
0.05
µs
tBUF
Time the bus must be free before a new
transmission can Start
1.3
0.5
µs
tHD.STA
Start Hold Time
0.6
0.25
µs
tSU.STA
Start Setup Time
0.6
0.25
µs
tHD.DAT
Data In Hold Time
0
0
µs
tSU.DAT
Data In Setup Time
0.1
0.1
µs
tR
Inputs Rise Time
(1)
0.3
0.3
µs
tF
Inputs Fall Time
(1)
0.3
0.1
µs
tSU.STO
Stop Setup Time
0.6
0.25
µs
tDH
Data Out Hold Time
0.05
0.05
µs
t
SU.WCB
WCB pin Setup Time
1.2
0.6
µs
t
HD.WCB
WCB pin Hold Time
1.2
0.6
µs
tWR
Write Cycle Time
5
5
ms
Notes: 1. This parameter is ensured by characterization not 100% tested
2.AC measurement conditions:
RL (connects to VCC): 1.3k (2.5V, 5.5V), 10k (1.7V)
Input pulse voltages: 0.3 VCC to 0.7 VCC
Input rise and fall times: ≤50ns
Input and output timing reference voltages: 0.5VCC
Reliability Characteristic
(1)
Symbol
Parameter
Min.
Max.
Unit
EDR
(2)
Endurance
2,000,000
Write cycles
DRET
Data retention
100
Years
Notes: 1. This parameter is ensured by characterization and is not 100% tested
2. Under the condition: 25°C, 3.3V, Page mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com