Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24CP02C Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE24CP02C
Description  I2C-Compatible Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24CP02C Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE24CP02C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ACE24CP02C
I
2
C-Compatible Serial EEPROM
VER 1.1
6
Start Condition
A high-to-low transition of SDA with SCL high is a start condition which must precede any other command
(see to Figure 4).
Stop Condition
A low-to-high transition of SDA with SCL high is a stop condition. After a read sequence, the stop
command will place the ACE24CP02C in a standby power mode (see Figure 4).
Acknowledge (ACK)
All addresses and data words are serially transmitted to and from the ACE24CP02C in 8-bit words. The
ACE24CP02C sends a “0” to acknowledge that it has received each word. This happens during the ninth
clock cycle.
Standby Mode
The ACE24CP02C features a low-power standby mode which is enabled: (a) after a fresh power up, (b)
after receiving a STOP bit in read mode, and (c) after completing a self-time internal programming
operation
Figure4:Start and Stop Definition
Figure5:Output Acknowledge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com