Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24CP02C Datasheet(PDF) 8 Page - ACE Technology Co., LTD.

Part # ACE24CP02C
Description  I2C-Compatible Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24CP02C Datasheet(HTML) 8 Page - ACE Technology Co., LTD.

Back Button ACE24CP02C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 11Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 12Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ACE24CP02C
I
2
C-Compatible Serial EEPROM
VER 1.1
8
Instructions
Write Operations
(A)
Byte Write
A write operation requires an 8-bit data word address following the device address word and
acknowledgment. Upon receipt of this address, the ACE24CP02C will again respond with a “0” and then
clock in the first 8-bit data word. Following receipt of the 8-bit data word, the ACE24CP02C will output a
“0” and the addressing device, such as a microcontroller, must terminate the write sequence with a stop
condition. And then the ACE24CP02C enters an internally timed write cycle, all inputs are disabled during
this write cycle and the ACE24CP02C will not respond until the write is complete (see Figure 7).
(B)
Page Write
A page write is initiated the same as a byte write, but the master does not send a stop condition after
the first data word is clocked in. Instead, after the ACE24CP02C acknowledges receipt of the first
data word, the master can transmit more data words. The ACE24CP02C will respond with a “0” after
each data word received. The microcontroller must terminate the page write sequence with a stop
condition.
The lower six bits of the data word address are internally incremented following the receipt of each
data word. The higher data word address bits are not incremented, retaining the memory page row
location. When the word address, internally generated, reaches the page boundary, the following
byte is placed at the beginning of the same page. If more than 64 data words are transmitted to the
ACE24CP02C, the data word address will roll-over, and previous data will be overwritten. The
address roll-over during write is from the last byte of the current page to the first byte of the same
page.
Figure7:Byte Write
Figure8:Page Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com