Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C014 Datasheet (PDF) - Cypress Semiconductor

MB39C014 Datasheet PDF - Cypress Semiconductor
Part # MB39C014
Download  MB39C014 Download
File Size   1347.99 Kbytes
Page   32 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification

MB39C014 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB39C014 Datasheet PDF - Cypress Semiconductor

Part # MB39C014
Download  MB39C014 Click to download

File Size   1347.99 Kbytes
Page   32 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification

MB39C014 Datasheet (HTML) - Cypress Semiconductor


MB39C014 Product details

Description
The MB39C014 is a current mode type 1-channel DC/DC converter IC built-in switching FET, synchronous rectification, and down conversion support. The device is integrated with a switching FET, oscillator, error amplifier, PWM control circuit, reference voltage source, and POWERGOOD circuit.
External inductor and decoupling capacitor are needed only for the external component.
As combining with external parts enables a DC/DC converter with a compact and high load response characteristic, this is suitable as the built-in power supply for such as mobile phone/PDA, DVDs, and HDDs.

Features
■ High efficiency : 96% (Max)
■ Output current (DC/DC) : 800 mA (Max)
■ Input voltage range : 2.5 V to 5.5 V
■ Operating frequency : 2.0/3.2 MHz (Typ)
■ No flyback diode needed
■ Low dropout operation : For 100% on duty
■ Built-in high-precision reference voltage generator : 1.20 V ± 2%
■ Consumption current in shutdown mode : 1 µA or less
■ Built-in switching FET : P-ch MOS 0.3 Ω (Typ) N-ch MOS 0.2 Ω (Typ)
■ High speed for input and load transient response in the current mode
■ Over temperature protection
■ Packaged in a compact package : SON10

Applications
■ Flash ROMs
■ MP3 players
■ Electronic dictionary devices
■ Surveillance cameras
■ Portable GPS navigators
■ Mobile phones etc.




Similar Part No. - MB39C014

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB39C011A CYPRESS-MB39C011A Datasheet
1Mb / 53P
2ch DC/DC Converter IC with Synchronous Rectification Datasheet
MB39C011AEVB-01 CYPRESS-MB39C011AEVB-01 Datasheet
1Mb / 53P
2ch DC/DC Converter IC with Synchronous Rectification Datasheet
MB39C011APFT CYPRESS-MB39C011APFT Datasheet
1Mb / 53P
2 ch DC/DC Converter IC with Synchronous Rectification
MB39C011APFT-G-BND-ERE1 CYPRESS-MB39C011APFT-G-BND-ERE1 Datasheet
1Mb / 53P
2 ch DC/DC Converter IC with Synchronous Rectification
MB39C015 CYPRESS-MB39C015 Datasheet
1Mb / 43P
High efficiency : 96% (Max)
More results


Similar Description - MB39C014

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB39A110 FUJITSU-MB39A110 Datasheet
418Kb / 32P
4-ch DC/DC Converter IC with Synchronous Rectification
MB39A108 FUJITSU-MB39A108_06 Datasheet
525Kb / 45P
5 ch DC/DC Converter IC with Synchronous Rectification
MB39A136PFT-G-JN-ERE1 FUJITSU-MB39A136PFT-G-JN-ERE1 Datasheet
1Mb / 52P
2ch PFM/PWM DC/DC converter IC with synchronous rectification
MB39A214APFT-G-JNERE1 FUJITSU-MB39A214APFT-G-JNERE1 Datasheet
563Kb / 56P
2ch DC/DC converter IC with PFM/ PWM synchronous rectification
logo
Cypress Semiconductor
MB39C011APFT-G-BND-ERE1 CYPRESS-MB39C011APFT-G-BND-ERE1 Datasheet
1Mb / 53P
2 ch DC/DC Converter IC with Synchronous Rectification
MB39A135 CYPRESS-MB39A135 Datasheet
1Mb / 42P
1ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39A136 CYPRESS-MB39A136 Datasheet
1Mb / 50P
2ch PFM/PWM DC/DC Converter IC with Synchronous Rectification
MB39A214A CYPRESS-MB39A214A Datasheet
1Mb / 55P
2ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C006A CYPRESS-MB39C006A Datasheet
2Mb / 36P
1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C007 CYPRESS-MB39C007 Datasheet
2Mb / 41P
2 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com