Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C014 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # MB39C014
Description  1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C014 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button MB39C014 Datasheet HTML 3Page - Cypress Semiconductor MB39C014 Datasheet HTML 4Page - Cypress Semiconductor MB39C014 Datasheet HTML 5Page - Cypress Semiconductor MB39C014 Datasheet HTML 6Page - Cypress Semiconductor MB39C014 Datasheet HTML 7Page - Cypress Semiconductor MB39C014 Datasheet HTML 8Page - Cypress Semiconductor MB39C014 Datasheet HTML 9Page - Cypress Semiconductor MB39C014 Datasheet HTML 10Page - Cypress Semiconductor MB39C014 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Document Number: 002-08361 Rev. *C
Page 7 of 32
MB39C014
5. Function of Each Block
5.1 PWM Logic Control Circuit
The built-in P-ch and N-ch MOS FETs are controlled for synchronization rectification according to the frequency (2.0 MHz/3.2 MHz)
oscillated from the built-in oscillator (square wave oscillation circuit).
5.2 IOUT Comparator Circuit
This circuit detects the current (ILX) which flows to the external inductor from the built-in P-ch MOS FET.
By comparing VIDET obtained through I-V conversion of peak current IPK of ILX with the Error Amp output, the built-in P-ch MOS FET is
turned off via the PWM Logic Control circuit.
5.3 Error Amp Phase Compensation Circuit
This circuit compares the output voltage to reference voltages such as VREF. This IC has a built-in phase compensation circuit that
is designed to optimize the operation of this IC. This needs neither to be considered nor addition of a phase compensation circuit and
an external phase compensation device.
5.4 VREF Circuit
A high accuracy reference voltage is generated with BGR (bandgap reference) circuit. The output voltage is 1.20 V (Typ).
5.5 POWERGOOD Circuit
The POWERGOOD circuit monitors the voltage at the OUT pin. The POWERGOOD pin is open drain output.
Use the pin with pull-up using the external resistor in the normal operation.
When the CTL is at the H level, the POWERGOOD pin becomes the H level. However, if the output voltage drops because of over
current and etc, the POWERGOOD pin becomes the L level.
Timing Chart Example : (POWERGOOD Pin Pulled Up to VIN)
VIN
CTL
tDLYPG or less
tDLYPG
tDLYPG
VOUT
POWERGOOD
(pull up to VIN)
VUVLO
VOUT
× 97
%
VUVLO : UVLO threshold voltage
tDLYPG : POWERGOOD delay time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com