Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C014 Datasheet(PDF) 15 Page - Cypress Semiconductor

Part # MB39C014
Description  1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C014 Datasheet(HTML) 15 Page - Cypress Semiconductor

Back Button MB39C014 Datasheet HTML 11Page - Cypress Semiconductor MB39C014 Datasheet HTML 12Page - Cypress Semiconductor MB39C014 Datasheet HTML 13Page - Cypress Semiconductor MB39C014 Datasheet HTML 14Page - Cypress Semiconductor MB39C014 Datasheet HTML 15Page - Cypress Semiconductor MB39C014 Datasheet HTML 16Page - Cypress Semiconductor MB39C014 Datasheet HTML 17Page - Cypress Semiconductor MB39C014 Datasheet HTML 18Page - Cypress Semiconductor MB39C014 Datasheet HTML 19Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Document Number: 002-08361 Rev. *C
Page 15 of 32
MB39C014
10.2 Output Voltage Setting
The output voltage VOUT of this IC is defined by the voltage input to VREFIN. Supply the voltage for inputting to VREFIN from an
external power supply, or set the VREF output by dividing it with resistors.
The output voltage when the VREFIN voltage is set by dividing the VREF voltage with resistors is shown in the following formula.
Note :
Refer to “Application Circuit Examples” for an example of this circuit.
Although the output voltage is defined according to the dividing ratio of resistance, select the resistance value so that the current
flowing through the resistance does not exceed the VREF current rating (1 mA) .
10.3 About Conversion Efficiency
The conversion efficiency can be improved by reducing the loss of the DC/DC converter circuit.
The total loss (PLOSS) of the DC/DC converter is roughly divided as follows :
PLOSS
= PCONT + PSW + PC
PCONT
: Control system circuit loss (The power used for this IC to operate, including the gate driving power for internal SW
FETs)
PSW
: Switching loss (The loss caused during switching of the IC's internal SW FETs)
PC
: Continuity loss (The loss caused when currents flow through the IC's internal SW FETs and external circuits )
The IC's control circuit loss (PCONT) is extremely small, less than 100 mW with no load.
As the IC contains FETs which can switch faster with less power, the continuity loss (PC) is more predominant as the loss during heavy-
load operation than the control circuit loss (PCONT) and switching loss (PSW) .
VOUT
= 2.97 × VREFIN,
VREFIN
=
R4
× VREF
R3
+ R4
(VREF
= 1.20 V)
R4
R3
VREF
VREFIN
VREF
VREFIN
MB39C014
4
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com