Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C014 Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # MB39C014
Description  1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C014 Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button MB39C014 Datasheet HTML 15Page - Cypress Semiconductor MB39C014 Datasheet HTML 16Page - Cypress Semiconductor MB39C014 Datasheet HTML 17Page - Cypress Semiconductor MB39C014 Datasheet HTML 18Page - Cypress Semiconductor MB39C014 Datasheet HTML 19Page - Cypress Semiconductor MB39C014 Datasheet HTML 20Page - Cypress Semiconductor MB39C014 Datasheet HTML 21Page - Cypress Semiconductor MB39C014 Datasheet HTML 22Page - Cypress Semiconductor MB39C014 Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Document Number: 002-08361 Rev. *C
Page 19 of 32
MB39C014
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
0
VIN
= 3.7 V
VIN
= 3.0 V
VIN
= 4.2 V
VIN
= 5.0 V
Ta
= +25 °C
VOUT
= 2.5 V
FSEL
= H
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
0
VIN
= 3.7 V
VIN
= 3.0 V
VIN
= 4.2 V
VIN
= 5.0 V
Ta
= +25 °C
VOUT
= 1.2 V
FSEL
= H
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
0
VIN
= 3.7 V
VIN
= 3.0 V
VIN
= 4.2 V
VIN
= 5.0 V
Ta
= +25 °C
VOUT
= 1.8 V
FSEL
= H
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
0
VIN
= 4.2 V
VIN
= 5.0 V
Ta
= +25 °C
VOUT
= 3.3 V
FSEL
= H
VIN
= 3.7 V
Load current IOUT (mA)
Load current IOUT (mA)
Load current IOUT (mA)
Load current IOUT (mA)
Conversion efficiency vs. Load current
(3.2 MHz)
Conversion efficiency vs. Load current
(3.2 MHz)
Conversion efficiency vs. Load current
(3.2 MHz)
Conversion efficiency vs. Load current
(3.2 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com