Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C014 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # MB39C014
Description  1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C014 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button MB39C014 Datasheet HTML 7Page - Cypress Semiconductor MB39C014 Datasheet HTML 8Page - Cypress Semiconductor MB39C014 Datasheet HTML 9Page - Cypress Semiconductor MB39C014 Datasheet HTML 10Page - Cypress Semiconductor MB39C014 Datasheet HTML 11Page - Cypress Semiconductor MB39C014 Datasheet HTML 12Page - Cypress Semiconductor MB39C014 Datasheet HTML 13Page - Cypress Semiconductor MB39C014 Datasheet HTML 14Page - Cypress Semiconductor MB39C014 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Document Number: 002-08361 Rev. *C
Page 11 of 32
MB39C014
8. Electrical Characteristics
(Ta
= + 25°C, VDD = 3.7 V, VOUT setting value = 2.5 V, MODE = 0 V)
* : Standard design value
Parameter
Symbol Pin No.
Condition
Value
Unit
Min
Typ
Max
DC/DC
converter
block
Input current
IREFINM
7
VREFIN
= 0.833 V
−100
0
+ 100
nA
IREFINLVREFIN
= 0.15 V
−100
0
+ 100
nA
IREFINHVREFIN
= 1.20 V
−100
0
+ 100
nA
Output voltage
VOUT
9
VREFIN
= 0.833 V,
OUT
= −100 mA
2.45
2.50
2.55
V
Input stability
LINE
2.5 V
≤ VDD ≤ 5.5 V *1
—10—
mV
Load stability
LOAD
− 100 mA ≥ OUT ≥ − 800 mA
—
10
—
mV
Out pin input
impedance
ROUT
OUT
= 2.0 V
0.6
1.0
1.5
MΩ
LX peak current
IPK
1
Output shorted to GND
0.9
1.2
1.7
A
Oscillation
frequency
fOSC1
FSEL
= 0 V
1.6
2.0
2.4
MHz
fOSC2
FSEL
= 3.7 V
2.56
3.20
3.84
MHz
Rise delay time
tPG
3, 9
C1
= 4.7 μF, OUT = 0 A,
VOUT
= 90%
—45
80
μs
SW NMOS FET OFF
voltage
VNOFF
1
—
−40*
−20*
0*
mV
SW PMOS FET ON
resistance
RONP
LX
= −100 mA
—
0.30
0.47
Ω
SW NMOS FET ON
resistance
RONN
LX
= −100 mA
—
0.20
0.36
Ω
LX leak current
ILEAKM0
≤ LX ≤ VDD*2
−1.0
—
+ 8.0
μA
ILEAKHVDD
= 5.5 V, 0 ≤ LX ≤ VDD*2
−2.0
—
+ 16.0
μA
Protection
circuit block
Over temperature
protection
(Junction Temp.)
TOTPH
——
+ 120*
+ 135*
+ 155*
°C
TOTPL
+ 95*
+ 110*
+ 130*
°C
UVLO threshold
voltage
VTHH
10
—
2.07
2.20
2.33
V
VTHL
1.92
2.05
2.18
V
UVLO hysteresis
width
VHYS
—
0.080.150.25
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com