Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C014 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # MB39C014
Description  1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C014 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button MB39C014 Datasheet HTML 9Page - Cypress Semiconductor MB39C014 Datasheet HTML 10Page - Cypress Semiconductor MB39C014 Datasheet HTML 11Page - Cypress Semiconductor MB39C014 Datasheet HTML 12Page - Cypress Semiconductor MB39C014 Datasheet HTML 13Page - Cypress Semiconductor MB39C014 Datasheet HTML 14Page - Cypress Semiconductor MB39C014 Datasheet HTML 15Page - Cypress Semiconductor MB39C014 Datasheet HTML 16Page - Cypress Semiconductor MB39C014 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Document Number: 002-08361 Rev. *C
Page 13 of 32
MB39C014
9. Test Circuit for Measuring Typical Operating Characteristics
Note :
These components are recommended based on the operating tests authorized.
TDK
: TDK Corporation
SSM
: SUSUMU Co., Ltd
KOA
: KOA Corporation
Component
Specification
Vendor
Part Number
Remark
R1
1 MΩ
KOA
RK73G1JTTD D 1 MΩ
R3-1
R3-2
7.5 kΩ
120 kΩ
SSM
SSM
RR0816-752-D
RR0816-124-D
At VOUT
= 2.5 V setting
R4
300 kΩ
SSM
RR0816-304-D
R5
1 MΩ
KOA
RK73G1JTTD D 1 MΩ
C1
4.7 µF
TDK
C2012JB1A475K
C2
4.7 µF
TDK
C2012JB1A475K
C6
0.1 µF
TDK
C1608JB1H104K
For adjusting slow start time
L1
2.2 µH
TDK
VLF4012AT-2R2M
2.0 MHz operation
1.5 µH
TDK
VLF4012AT-1R5M
3.2 MHz operation
VIN
VOUT
L1
C1
IOUT
C2
SW
CTL
MODE
VREF
VREFIN
GND
OUT
LX
VDD
GND
R5
VDD
VDD
MB39C014
POWER
GOOD
FSEL
R1
R4
R3-1
R3-2
SW
SW
C6
10
3
8
4
6
7
1
9
5
2
Output voltage
= VREFIN × 2.97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com