Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C014 Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # MB39C014
Description  1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C014 Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button MB39C014 Datasheet HTML 24Page - Cypress Semiconductor MB39C014 Datasheet HTML 25Page - Cypress Semiconductor MB39C014 Datasheet HTML 26Page - Cypress Semiconductor MB39C014 Datasheet HTML 27Page - Cypress Semiconductor MB39C014 Datasheet HTML 28Page - Cypress Semiconductor MB39C014 Datasheet HTML 29Page - Cypress Semiconductor MB39C014 Datasheet HTML 30Page - Cypress Semiconductor MB39C014 Datasheet HTML 31Page - Cypress Semiconductor MB39C014 Datasheet HTML 32Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Document Number: 002-08361 Rev. *C
Page 29 of 32
MB39C014
13. Usage Precautions
1.
Do not Configure the IC Over the Maximum Ratings
lf the lC is used over the maximum ratings, the LSl may be permanently damaged.
It is preferable for the device to normally operate within the recommended usage conditions. Usage outside of these conditions can
adversely affect reliability of the LSI.
2.
Use the Devices Within Recommended Operating Conditions
The recommended operating conditions are the conditions under which the LSl is guaranteed to operate.
The electrical ratings are guaranteed when the device is used within the recommended operating conditions and under the conditions
stated for each item.
3.
Printed Circuit Board Ground Lines Should be Set up With Consideration for Common Impedance
4.
Take Appropriate Static Electricity Measures.
■ Containers for semiconductor materials should have anti-static protection or be made of conductive material.
■ After mounting, printed circuit boards should be stored and shipped in conductive bags or containers.
■ Work platforms, tools, and instruments should be properly grounded.
■ Working personnel should be grounded with resistance of 250 kΩ to 1 MΩ between body and ground.
5.
Do not Apply Negative Voltages.
The use of negative voltages below
− 0.3 V may create parasitic transistors on LSI lines, which can cause
abnormal operation.
14. Ordering Information
15. RoHS Compliance Information
The LSI products of Cypress with “E1” are compliant with RoHS Directive, and has observed the standard of lead, cadmium, mercury,
hexavalent chromium, polybrominated biphenyls (PBB), and polybrominated diphenylethers (PBDE).
A product whose part number has trailing characters “E1” is RoHS compliant.
Part Number
Package
Remarks
MB39C014PN-
❏❏❏E1
10-pin plastic SON
(WNK010)
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com