Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C014 Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # MB39C014
Description  1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C014 Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button MB39C014 Datasheet HTML 10Page - Cypress Semiconductor MB39C014 Datasheet HTML 11Page - Cypress Semiconductor MB39C014 Datasheet HTML 12Page - Cypress Semiconductor MB39C014 Datasheet HTML 13Page - Cypress Semiconductor MB39C014 Datasheet HTML 14Page - Cypress Semiconductor MB39C014 Datasheet HTML 15Page - Cypress Semiconductor MB39C014 Datasheet HTML 16Page - Cypress Semiconductor MB39C014 Datasheet HTML 17Page - Cypress Semiconductor MB39C014 Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Document Number: 002-08361 Rev. *C
Page 14 of 32
MB39C014
10. Application Notes
10.1 Selection of Components
10.1.1 Selection of an External Inductor
Basically it dose not need to design inductor. This IC is designed to operate efficiently with a 2.2 µH (2.0 MHz operation) or 1.5 µH
(3.2 MHz operation) inductor.
The inductor should be rated for a saturation current higher than the LX peak current value during normal operating conditions, and
should have a minimal DC resistance. (100 mΩ or less is recommended.)
LX peak current value IPK is obtained by the following formula.
L
: External inductor value
IOUT
: Load current
VIN
: Power supply voltage
VOUT : Output setting voltage
D
: ON- duty to be switched(
= VOUT/VIN)
fosc : Switching frequency (2.0 MHz or 3.2 MHz)
ex) At VIN
= 3.7 V, VOUT = 2.5 V, IOUT = 0.8 A, L = 2.2 µH, fosc = 2.0 MHz
The maximum peak current value IPK;
10.1.2 I/O Capacitor Selection
■ Select a low equivalent series resistance (ESR) for the VDD input capacitor to suppress dissipation from ripple currents.
■ Also select a low equivalent series resistance (ESR) for the output capacitor. The variation in the inductor current causes ripple
currents on the output capacitor which, in turn, causes ripple voltages an output equal to the amount of variation multiplied by the
ESR value. The output capacitor value has a significant impact on the operating stability of the device when used as a DC/DC
converter. Therefore, Cypress generally recommends a 4.7 µF capacitor, or a larger capacitor value can be used if ripple voltages
are not suitable. If the VIN/VOUT voltage difference is within 0.6 V, the use of a 10 µF output capacitor value is recommended.
■ Types of capacitors
Ceramic capacitors are effective for reducing the ESR and afford smaller DC/DC converter circuit. However, power supply functions
as a heat generator, therefore avoid to use capacitor with the F-temperature rating (
− 80% to + 20%). Cypress recommends
capacitors with the B-temperature rating (
± 10% to ± 20%).
Normal electrolytic capacitors are not recommended due to their high ESR.
Tantalum capacitor will reduce ESR, however, it is dangerous to use because it turns into short mode when damaged. If you insist
on using a tantalum capacitor, Cypress recommends the type with an internal fuse.
IPK
= IOUT +
VIN
− VOUT
×
D
×
1
= IOUT +
(VIN
− VOUT) × VOUT
L
fosc
2
2 × L × fosc × VIN
IPK
= IOUT +
(VIN
− VOUT) × VOUT = 0.8A+ (3.7 V − 2.5 V) × 2.5 V := 0.89A
2 × L × fosc × VIN
2 × 2.2 µH × 2 MHz × 3.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com