Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C014 Datasheet(PDF) 27 Page - Cypress Semiconductor

Part # MB39C014
Description  1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C014 Datasheet(HTML) 27 Page - Cypress Semiconductor

Back Button MB39C014 Datasheet HTML 23Page - Cypress Semiconductor MB39C014 Datasheet HTML 24Page - Cypress Semiconductor MB39C014 Datasheet HTML 25Page - Cypress Semiconductor MB39C014 Datasheet HTML 26Page - Cypress Semiconductor MB39C014 Datasheet HTML 27Page - Cypress Semiconductor MB39C014 Datasheet HTML 28Page - Cypress Semiconductor MB39C014 Datasheet HTML 29Page - Cypress Semiconductor MB39C014 Datasheet HTML 30Page - Cypress Semiconductor MB39C014 Datasheet HTML 31Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Document Number: 002-08361 Rev. *C
Page 27 of 32
MB39C014
12. Application Circuit Examples
12.1 Application Circuit Example 1
■ An external voltage is input to the reference voltage external input (VREFIN) , and the VOUT voltage is set to 2.97 times the VOUT
setting gain.
12.2 Application Circuit Example 2
■ The voltage of VREF pin is input to the reference voltage external input (VREFIN) by the dividing resistors. The VOUT voltage is set
to 2.5 V.
VOUT
= 2.97 × VREFIN
VIN
CPU
VOUT
APLI
C2
C1
L1
R5
DAC
4.7
μF
4.7
μF
2.2
μH
1 M
Ω
VDD
CTL
FSEL
VREF
VREFIN
GND
LX
OUT
POWER
GOOD
MODE
L
(OPEN) = 2.0 MHz
H
= 3.2 MHz
10
3
8
5
9
1
6
4
7
2
VOUT
= 2.97 × VREFIN
VOUT
= 2.97 ×
(VREF = 1.20 V)
VREFIN
= R4
R3
+ R4
R4
300 k
Ω
VDD
CTL
FSEL
VREF
VREFIN
GND
LX
OUT
POWER
GOOD
MODE
10
3
8
5
9
1
6
4
7
2
L
(OPEN) = 2.0 MHz
R3 127.5 k
Ω
H
= 3.2 MHz
VOUT
APLI
C1
L1
4.7
μF
2.2
μH
(120 kΩ + 7.5 kΩ)
CPU
R5
1 M
Ω
VIN
C2
4.7
μF
× VREF
× 1.20 V = 2.5 V
300 k
Ω
127.5 k
Ω + 300 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com