Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C014 Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # MB39C014
Description  1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C014 Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button MB39C014 Datasheet HTML 18Page - Cypress Semiconductor MB39C014 Datasheet HTML 19Page - Cypress Semiconductor MB39C014 Datasheet HTML 20Page - Cypress Semiconductor MB39C014 Datasheet HTML 21Page - Cypress Semiconductor MB39C014 Datasheet HTML 22Page - Cypress Semiconductor MB39C014 Datasheet HTML 23Page - Cypress Semiconductor MB39C014 Datasheet HTML 24Page - Cypress Semiconductor MB39C014 Datasheet HTML 25Page - Cypress Semiconductor MB39C014 Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Document Number: 002-08361 Rev. *C
Page 22 of 32
MB39C014
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.0
3.0
4.0
5.0
6.0
Ta
= +25 °C
IOUT
= 200 mA
VOUT
= 2.5 V
FSEL
= L
2.4
2.6
2.8
3.0
3.2
3.4
3.6
2.0
3.0
4.0
5.0
6.0
Ta
= +25 °C
IOUT
= 200 mA
VOUT
= 2.5 V
FSEL
= H
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
−50
0
+50
+100
VIN
= 3.7 V
IOUT
= 200 mA
VOUT
= 2.5 V
FSEL
= L
2.4
2.6
2.8
3.0
3.2
3.4
3.6
−50
0
+50
+100
VIN
= 3.7 V
IOUT
= 200 mA
VOUT
= 2.5 V
FSEL
= H
Input voltage VIN (V)
Input voltage VIN (V)
Operating ambient temperature Ta (°C)
Operating ambient temperature Ta (°C)
Oscillation frequency vs. Input voltage
(2.0 MHz)
Oscillation frequency vs. Input voltage
(3.2 MHz)
Oscillation frequency vs. Operating am-
bient temperature (2.0 MHz)
Oscillation frequency vs. Operating
ambient temperature (3.2 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com