Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C014 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # MB39C014
Description  1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C014 Datasheet(HTML) 3 Page - Cypress Semiconductor

  MB39C014 Datasheet HTML 1Page - Cypress Semiconductor MB39C014 Datasheet HTML 2Page - Cypress Semiconductor MB39C014 Datasheet HTML 3Page - Cypress Semiconductor MB39C014 Datasheet HTML 4Page - Cypress Semiconductor MB39C014 Datasheet HTML 5Page - Cypress Semiconductor MB39C014 Datasheet HTML 6Page - Cypress Semiconductor MB39C014 Datasheet HTML 7Page - Cypress Semiconductor MB39C014 Datasheet HTML 8Page - Cypress Semiconductor MB39C014 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Document Number: 002-08361 Rev. *C
Page 3 of 32
MB39C014
1. Pin Assignment
2. Pin Descriptions
Pin No
Pin Name
I/O
Description
1
LX
O
Inductor connection output pin. High impedance during shut down.
2
GND
—
Ground pin.
3
CTL
I
Control input pin. (L : Shut down / H : Normal operation)
4
VREF
O
Reference voltage output pin.
5
POWERGOOD
O
POWERGOOD circuit output pin. Internally connected to an N-ch MOS open drain
circuit.
6
FSEL
I
Frequency switch pin.
(L (open) : 2.0 MHz, H : 3.2 MHz)
7
VREFIN
I
Error amplifier (Error Amp) non-inverted input pin.
8
MODE
I
Use pin at L level or leave open.
9
OUT
I
Output voltage feedback pin.
10
VDD
—
Power supply pin.
(Top View)
(WNK010)
POWERGOOD
VREF
CTL
GND
LX
VDD
OUT
MODE
VREFIN
FSEL
123
45
10
98
76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com