Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C014 Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # MB39C014
Description  1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C014 Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button MB39C014 Datasheet HTML 8Page - Cypress Semiconductor MB39C014 Datasheet HTML 9Page - Cypress Semiconductor MB39C014 Datasheet HTML 10Page - Cypress Semiconductor MB39C014 Datasheet HTML 11Page - Cypress Semiconductor MB39C014 Datasheet HTML 12Page - Cypress Semiconductor MB39C014 Datasheet HTML 13Page - Cypress Semiconductor MB39C014 Datasheet HTML 14Page - Cypress Semiconductor MB39C014 Datasheet HTML 15Page - Cypress Semiconductor MB39C014 Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Document Number: 002-08361 Rev. *C
Page 12 of 32
MB39C014
(Ta
= + 25°C, VDD = 3.7 V, VOUT setting value = 2.5 V, MODE = 0 V)
*1 : The minimum value of VDD is the 2.5 V or VOUT setting value
+ 0.6 V, whichever is higher.
*2 : The
+ leak at the LX pin includes the current of the internal circuit.
*3 : Detected with respect to the output voltage setting value of VREFIN
*4 : Current consumption based on 100% ON-duty (High side FET in full ON state). The SW FET gate drive current is not included because the device is in full ON state
(no switching operation). Also the load current is not included.
Parameter
Symbol Pin No.
Condition
Value
Unit
Min
Typ
Max
POWER
GOOD block
POWERGOOD
threshold
voltage
VTHPG
5
*3
VREFIN × 3
× 0.93
VREFIN × 3
× 0.97
VREFIN × 3
× 0.99
V
POWERGOOD
delay time
tDLYPG1
FSEL
= 0 V
—
250
—
μs
tDLYPG2
FSEL
= 3.7 V
—
170
—
μs
POWERGOOD
output voltage
VOL
POWERGOOD = 250
μA—
—
0.1
V
POWERGOOD
output current
IOH
POWERGOOD
= 5.5 V
—
—
1.0
μA
Control block
CTL threshold
voltage
VTHHCT
3
—
0.55
0.95
1.45
V
VTHLCT
—
0.40
0.80
1.30
CTL pin
input current
IICTL
CTL
= 3.7 V
—
—
1.0
μA
FSEL threshold
voltage
VTHHFS
6
—2.96
—
—
V
VTHLFS
——
—
0.74
Reference
voltage block
VREF voltage
VREF
4
VREF
= −2.7 μA,
OUT
= −100 mA
1.176
1.200
1.224
V
VREF load
stability
LOADREF
VREF
= −1.0 mA
—
—
20
mV
General
Shut down
power supply
current
IVDD1
10
CTL
= 0 V,
All circuits in OFF state
——
1.0
μA
IVDD1H
CTL
= 0 V, VDD = 5.5 V
—
—
1.0
μA
Standby power
supply current
(DC/DC)
IVDD2
CTL
= 3.7 V, OUT = 0 A,
FSEL
= 0 V
—4.0
8.0
mA
Power-on
invalid current
IVDD
CTL
= 3.7 V,
VOUT
= 90%*4
—
800
1500
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com