Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C014 Datasheet(PDF) 17 Page - Cypress Semiconductor

Part # MB39C014
Description  1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C014 Datasheet(HTML) 17 Page - Cypress Semiconductor

Back Button MB39C014 Datasheet HTML 13Page - Cypress Semiconductor MB39C014 Datasheet HTML 14Page - Cypress Semiconductor MB39C014 Datasheet HTML 15Page - Cypress Semiconductor MB39C014 Datasheet HTML 16Page - Cypress Semiconductor MB39C014 Datasheet HTML 17Page - Cypress Semiconductor MB39C014 Datasheet HTML 18Page - Cypress Semiconductor MB39C014 Datasheet HTML 19Page - Cypress Semiconductor MB39C014 Datasheet HTML 20Page - Cypress Semiconductor MB39C014 Datasheet HTML 21Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Document Number: 002-08361 Rev. *C
Page 17 of 32
MB39C014
10.6 Board Layout, Design Example
The board layout needs to be designed to ensure the stable operation of this IC.
Follow the procedure below for designing the layout.
■ Arrange the input capacitor (Cin) as close as possible to both the VDD and GND pins. Make a thru-hole (TH) near the pins of this
capacitor if the board has planes for power and GND.
■ Large AC currents flow between this IC and the input capacitor (Cin), output capacitor (CO), and external inductor (L). Group these
components as close as possible to this IC to reduce the overall loop area occupied by this group. Also try to mount these components
on the same surface and arrange wiring without thru-hole wiring. Use thick, short, and straight routes to wire the net (The layout by
planes is recommended.).
■ The feedback wiring to the OUT should be wired from the voltage output pin closest to the output capacitor (CO). The OUT pin is
extremely sensitive and should thus be kept wired away from the LX pin of this IC as far as possible.
■ If applying voltage to the VREFIN pin through dividing resistors, arrange the resistors so that the wiring can be kept as short as
possible. Also arrange them so that the GND pin of the VREFIN resistor is close to the IC's GND pin. Further, provide a GND
exclusively for the control line so that the resistor can be connected via a path that does not carry current. If installing a bypass
capacitor for the VREFIN, put it close to the VREFIN pin.
■ Try to make a GND plane on the surface to which this IC will be mounted. For efficient heat dissipation when using the SON-10
package, Cypress recommends providing a thermal via in the footprint of the thermal pad.
10.7 Layout Example of IC SW Components
10.8 Notes for Circuit Design
■ The switching operation of this IC works by monitoring and controlling the peak current which, incidentally, serves as form of short-
circuit protection. However, do not leave the output short-circuited for long periods of time. If the output is short-circuited where VIN
< 2.9 V, the current limit value (peak current to the inductor) tends to rise. Leaving in the short-circuit state, the temperature of this
IC will continue rising and activate the thermal protection.
Once the thermal protection stops the output, the temperature of the IC will go down and operation will resume, after which the
output will repeat the starting and stopping.
Although this effect will not destroy the IC, the thermal exposure to the IC over prolonged hours may affect the peripherals surrounding
it.
Co
Cin
Vo
L
GND
1 Pin
VIN
Feedback line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com