Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C014 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # MB39C014
Description  1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C014 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button MB39C014 Datasheet HTML 6Page - Cypress Semiconductor MB39C014 Datasheet HTML 7Page - Cypress Semiconductor MB39C014 Datasheet HTML 8Page - Cypress Semiconductor MB39C014 Datasheet HTML 9Page - Cypress Semiconductor MB39C014 Datasheet HTML 10Page - Cypress Semiconductor MB39C014 Datasheet HTML 11Page - Cypress Semiconductor MB39C014 Datasheet HTML 12Page - Cypress Semiconductor MB39C014 Datasheet HTML 13Page - Cypress Semiconductor MB39C014 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Document Number: 002-08361 Rev. *C
Page 10 of 32
MB39C014
7. Recommended Operating Conditions
Note:
The output current from this device has a situation to decrease if the power supply voltage (VIN) and the DC/DC converter output
voltage (VOUT) differ only by a small amount. This is a result of slope compensation and will not damage this device.
WARNING:
The recommended operating conditions are required in order to ensure the normal operation of the semiconductor
device. All of the device's electrical characteristics are warranted when the device is operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges.
Operation outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on the data sheet.
Users considering application outside the listed conditions are advised to contact their representatives beforehand.
Parameter
Symbol
Condition
Value
Unit
Min
Typ
Max
Power supply voltage
VDD
—
2.5
3.7
5.5
V
VREFIN voltage
VREFIN
—
0.15
—
1.20
V
CTL voltage
VCTL
—0
—
5.0
V
LX current
ILX
——
—
800
mA
POWERGOOD current
IPG
——
—
1
mA
VREF output current
IROUT
2.5 V
≤ VDD ≤ 3.0 V
—
—
0.5
mA
3.0 V
≤ VDD ≤ 5.5 V
—
—
1
Inductor value
L
2.0 MHz (FSEL
= L)
—
2.2
—
μH
3.2 MHz (FSEL
= H)
—
1.5
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com