Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C014 Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # MB39C014
Description  1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C014 Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button MB39C014 Datasheet HTML 24Page - Cypress Semiconductor MB39C014 Datasheet HTML 25Page - Cypress Semiconductor MB39C014 Datasheet HTML 26Page - Cypress Semiconductor MB39C014 Datasheet HTML 27Page - Cypress Semiconductor MB39C014 Datasheet HTML 28Page - Cypress Semiconductor MB39C014 Datasheet HTML 29Page - Cypress Semiconductor MB39C014 Datasheet HTML 30Page - Cypress Semiconductor MB39C014 Datasheet HTML 31Page - Cypress Semiconductor MB39C014 Datasheet HTML 32Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Document Number: 002-08361 Rev. *C
Page 28 of 32
MB39C014
12.3 Application Circuit Example Components List
TDK : TDK Corporation
FDK : FDK Corporation
KOA : KOA Corporation
Component
Item
Part Number
Specification
Package
Vendor
L1
Inductor
VLF4012AT-2R2M
2.2 µH, RDC = 76 mΩ
SMD
TDK
MIPW3226D2R2M
2.2 µH, RDC = 100 mΩ
SMD
FDK
C1
Ceramic
capacitor
C2012JB1A475K
4.7 µF (10 V)
2012
TDK
C2
Ceramic
capacitor
C2012JB1A475K
4.7 µF (10 V)
2012
TDK
R3
Resistor
RK73G1JTTD D 7.5 kΩ
RK73G1JTTD D 120 kΩ
7.5 kΩ
120 kΩ
1608
1608
KOA
R4
Resistor
RK73G1JTTD D 300 kΩ
300 kΩ
1608
KOA
R5
Resistor
RK73G1JTTD D
1 MΩ
± 0.5%
1608
KOA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com