Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C014 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # MB39C014
Description  1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C014 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button MB39C014 Datasheet HTML 4Page - Cypress Semiconductor MB39C014 Datasheet HTML 5Page - Cypress Semiconductor MB39C014 Datasheet HTML 6Page - Cypress Semiconductor MB39C014 Datasheet HTML 7Page - Cypress Semiconductor MB39C014 Datasheet HTML 8Page - Cypress Semiconductor MB39C014 Datasheet HTML 9Page - Cypress Semiconductor MB39C014 Datasheet HTML 10Page - Cypress Semiconductor MB39C014 Datasheet HTML 11Page - Cypress Semiconductor MB39C014 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Document Number: 002-08361 Rev. *C
Page 8 of 32
MB39C014
5.6 Protection Circuit
This IC has a built-in over-temperature protection circuit.
The over-temperature protection circuit turns off both N-ch and P-ch switching FETs when the junction
temperature reaches +135°C. When the junction temperature comes down to
+ 110°C, the switching FET is returned to the normal
operation.
Since the PWM control circuit of this IC is in the control method in current mode, the current peak value is also monitored and controlled
as required.
■ Function Table
* : Don't care
MODE
Input
Output
Switching
Frequency
CTL
FSEL
OUTPUT Pin
Voltage
VREF
POWERGOOD
Shutdown mode
—
L
*
Output stop
Output stop
Function stop
Operation mode
2.0 MHz
H
L
VOUT voltage output
1.2 V
Operation
3.2 MHz
H
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com