Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C014 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # MB39C014
Description  1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C014 Datasheet(HTML) 1 Page - Cypress Semiconductor

  MB39C014 Datasheet HTML 1Page - Cypress Semiconductor MB39C014 Datasheet HTML 2Page - Cypress Semiconductor MB39C014 Datasheet HTML 3Page - Cypress Semiconductor MB39C014 Datasheet HTML 4Page - Cypress Semiconductor MB39C014 Datasheet HTML 5Page - Cypress Semiconductor MB39C014 Datasheet HTML 6Page - Cypress Semiconductor MB39C014 Datasheet HTML 7Page - Cypress Semiconductor MB39C014 Datasheet HTML 8Page - Cypress Semiconductor MB39C014 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 002-08361 Rev. *C
Revised June 5, 2017
MB39C014
1 ch DC/DC Converter IC with
PFM/PWM Synchronous Rectification
Description
The MB39C014 is a current mode type 1-channel DC/DC converter IC built-in switching FET, synchronous rectification, and down
conversion support. The device is integrated with a switching FET, oscillator, error amplifier, PWM control circuit, reference voltage
source, and POWERGOOD circuit.
External inductor and decoupling capacitor are needed only for the external component.
As combining with external parts enables a DC/DC converter with a compact and high load response characteristic, this is suitable
as the built-in power supply for such as mobile phone/PDA, DVDs, and HDDs.
Features
■ High efficiency
: 96% (Max)
■ Output current (DC/DC)
: 800 mA (Max)
■ Input voltage range
: 2.5 V to 5.5 V
■ Operating frequency
: 2.0/3.2 MHz (Typ)
■ No flyback diode needed
■ Low dropout operation
: For 100% on duty
■ Built-in high-precision reference voltage generator
: 1.20 V
± 2%
■ Consumption current in shutdown mode
: 1 µA or less
■ Built-in switching FET
: P-ch MOS 0.3 Ω (Typ) N-ch MOS 0.2 Ω (Typ)
■ High speed for input and load transient response in the current mode
■ Over temperature protection
■ Packaged in a compact package
: SON10
Applications
■ Flash ROMs
■ MP3 players
■ Electronic dictionary devices
■ Surveillance cameras
■ Portable GPS navigators
■ Mobile phones etc.


Similar Part No. - MB39C014

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB39C011A CYPRESS-MB39C011A Datasheet
1Mb / 53P
2ch DC/DC Converter IC with Synchronous Rectification Datasheet
MB39C011AEVB-01 CYPRESS-MB39C011AEVB-01 Datasheet
1Mb / 53P
2ch DC/DC Converter IC with Synchronous Rectification Datasheet
MB39C011APFT CYPRESS-MB39C011APFT Datasheet
1Mb / 53P
2 ch DC/DC Converter IC with Synchronous Rectification
MB39C011APFT-G-BND-ERE1 CYPRESS-MB39C011APFT-G-BND-ERE1 Datasheet
1Mb / 53P
2 ch DC/DC Converter IC with Synchronous Rectification
MB39C015 CYPRESS-MB39C015 Datasheet
1Mb / 43P
High efficiency : 96% (Max)
More results

Similar Description - MB39C014

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB39A110 FUJITSU-MB39A110 Datasheet
418Kb / 32P
4-ch DC/DC Converter IC with Synchronous Rectification
MB39A108 FUJITSU-MB39A108_06 Datasheet
525Kb / 45P
5 ch DC/DC Converter IC with Synchronous Rectification
MB39A136PFT-G-JN-ERE1 FUJITSU-MB39A136PFT-G-JN-ERE1 Datasheet
1Mb / 52P
2ch PFM/PWM DC/DC converter IC with synchronous rectification
MB39A214APFT-G-JNERE1 FUJITSU-MB39A214APFT-G-JNERE1 Datasheet
563Kb / 56P
2ch DC/DC converter IC with PFM/ PWM synchronous rectification
logo
Cypress Semiconductor
MB39C011APFT-G-BND-ERE1 CYPRESS-MB39C011APFT-G-BND-ERE1 Datasheet
1Mb / 53P
2 ch DC/DC Converter IC with Synchronous Rectification
MB39A135 CYPRESS-MB39A135 Datasheet
1Mb / 42P
1ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39A136 CYPRESS-MB39A136 Datasheet
1Mb / 50P
2ch PFM/PWM DC/DC Converter IC with Synchronous Rectification
MB39A214A CYPRESS-MB39A214A Datasheet
1Mb / 55P
2ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C006A CYPRESS-MB39C006A Datasheet
2Mb / 36P
1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C007 CYPRESS-MB39C007 Datasheet
2Mb / 41P
2 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com