Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C014 Datasheet(PDF) 24 Page - Cypress Semiconductor

Part # MB39C014
Description  1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C014 Datasheet(HTML) 24 Page - Cypress Semiconductor

Back Button MB39C014 Datasheet HTML 20Page - Cypress Semiconductor MB39C014 Datasheet HTML 21Page - Cypress Semiconductor MB39C014 Datasheet HTML 22Page - Cypress Semiconductor MB39C014 Datasheet HTML 23Page - Cypress Semiconductor MB39C014 Datasheet HTML 24Page - Cypress Semiconductor MB39C014 Datasheet HTML 25Page - Cypress Semiconductor MB39C014 Datasheet HTML 26Page - Cypress Semiconductor MB39C014 Datasheet HTML 27Page - Cypress Semiconductor MB39C014 Datasheet HTML 28Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Document Number: 002-08361 Rev. *C
Page 24 of 32
MB39C014
■ Switching Waveforms
500
0
1000
1500
2000
2500
3000
−50
0
+50
+100
2632
+85
1053
500
0
1000
1500
2000
2500
3000
−50
0
+50
+100
980
+85
392
Operating ambient temperature Ta (°C)
Operating ambient temperature Ta (°C)
Power dissipation vs. Operating
ambient temperature
(With thermal via)
Power dissipation vs. Operating
ambient temperature
(without thermal via)
ILX : 500 mA/div
VLX : 2.0 V/div
VOUT : 20 mV/div
Ta
= +25 °C
VIN
= 3.7 V
VOUT
= 2.5 V
IOUT
= 800 mA
1
µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com