Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C014 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # MB39C014
Description  1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C014 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button MB39C014 Datasheet HTML 5Page - Cypress Semiconductor MB39C014 Datasheet HTML 6Page - Cypress Semiconductor MB39C014 Datasheet HTML 7Page - Cypress Semiconductor MB39C014 Datasheet HTML 8Page - Cypress Semiconductor MB39C014 Datasheet HTML 9Page - Cypress Semiconductor MB39C014 Datasheet HTML 10Page - Cypress Semiconductor MB39C014 Datasheet HTML 11Page - Cypress Semiconductor MB39C014 Datasheet HTML 12Page - Cypress Semiconductor MB39C014 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Document Number: 002-08361 Rev. *C
Page 9 of 32
MB39C014
6. Absolute Maximum Ratings
*1 : Power dissipation value between
+ 25°C and + 85°C is obtained by connecting these two points with a straight line
*2 : When mounted on a four- layer epoxy board of 11.7 cm × 8.4 cm
*3 : Connection at exposure pad with thermal via. (Thermal via 4 holes)
*4 : Connection at exposure pad, without a thermal via.
Notes:
■ The use of negative voltages below
− 0.3 V to the GND pin may create parasitic transistors on LSI lines, which can cause abnormal
operation.
■ This device can be damaged if the LX pin is short-circuited to VDD or GND.
■ Take measures not to keep the FSEL pin falling below the GND potential of this IC as much as possible.
In addition to erroneous operation, the IC may latch up and destroy itself if 110 mA or more current flows from this pin.
WARNING:
Semiconductor devices can be permanently damaged by application of stress (voltage, current, temperature, etc.) in
excess of absolute maximum ratings. Do not exceed these ratings.
Parameter
Symbol
Condition
Rating
Unit
Min
Max
Power supply voltage
VDD
VDD pin
− 0.3
+ 6.0
V
Signal input voltage
VISIG
OUT pin
− 0.3
VDD
+ 0.3
V
CTL, MODE, FSEL pins
− 0.3
VDD
+ 0.3
VREFIN pin
− 0.3
VDD
+ 0.3
POWERGOOD pull-up voltage
VIPG
POWERGOOD pin
− 0.3
+ 6.0
V
LX voltage
VLX
LX pin
− 0.3
VDD
+ 0.3
V
LX peak current
IPK
ILX
—1.8
A
Power dissipation
PD
Ta
≤ + 25°C
—
2632*1, *2, *3
mW
—980*1, *2, *4
Ta
= + 85 °C
—
1053*1, *2, *3
mW
—392*1, *2, *4
Operating ambient temperature
Ta
—
− 40
+ 85
°C
Storage temperature
TSTG
—
− 55
+ 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com