Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C014 Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # MB39C014
Description  1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C014 Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button MB39C014 Datasheet HTML 12Page - Cypress Semiconductor MB39C014 Datasheet HTML 13Page - Cypress Semiconductor MB39C014 Datasheet HTML 14Page - Cypress Semiconductor MB39C014 Datasheet HTML 15Page - Cypress Semiconductor MB39C014 Datasheet HTML 16Page - Cypress Semiconductor MB39C014 Datasheet HTML 17Page - Cypress Semiconductor MB39C014 Datasheet HTML 18Page - Cypress Semiconductor MB39C014 Datasheet HTML 19Page - Cypress Semiconductor MB39C014 Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Document Number: 002-08361 Rev. *C
Page 16 of 32
MB39C014
Furthermore, the continuity loss (PC) is divided roughly into the loss by internal SW FET ON-resistance and by external inductor series
resistance.
PC
= IOUT2 × (RDC + D × RONP + (1 − D) × RONN)
D
: Switching ON-duty cycle (
= VOUT / VIN)
RONP
: Internal P-ch SW FET ON resistance
RONN
: Internal N-ch SW FET ON resistance
RDC
: External inductor series resistance
IOUT
: Load current
The above formula indicates that it is important to reduce RDC as much as possible to improve efficiency by selecting components.
10.4 Power Dissipation and Heat Considerations
The IC is so efficient that no consideration is required in most of the cases. However, if the IC is used at a low power supply voltage,
heavy load, high output voltage, or high temperature, it requires further consideration for higher efficiency.
The internal loss (P) is roughly obtained from the following formula :
P
= IOUT2 × (D × RONP + (1 − D) × RONN)
D
: Switching ON-duty cycle (
= VOUT / VIN)
RONP
: Internal P-ch SW FET ON resistance
RONN
: Internal N-ch SW FET ON resistance
IOUT
: Output current
The loss expressed by the above formula is mainly continuity loss. The internal loss includes the switching loss and the control circuit
loss as well but they are so small compared to the continuity loss they can be ignored.
In this IC with RONP greater than RONN, the larger the on-duty cycle, the greater the loss.
When assuming VIN
= 3.7 V, Ta = + 70°C for example, RONP = 0.42 Ω and RONN = 0.36 Ω according to the graph “MOS FET ON
resistance vs. Operating ambient temperature”. The IC's internal loss P is 144 mW at VOUT
= 2.5 V and IOUT = 0.6 A. According to the
graph “Power dissipation vs. Operating ambient temperature”, the power dissipation at an operating ambient temperature Ta of
+
70°C is 539 mW and the internal loss is smaller than the power dissipation.
10.5 Transient Response
Normally, IOUT is suddenly changed while VIN and VOUT are maintained constant, responsiveness including the response time and
overshoot/undershoot voltage is checked. As this IC has built-in Error Amp with an optimized design, it shows good transient response
characteristics. However, if ringing upon sudden change of the load is high due to the operating conditions, add capacitor C6 (e.g. 0.1
µF). (Since this capacitor C6 changes the start time, check the start waveform as well.) This action is not required for DAC input.
R4
C6
R3
VREF
VREFIN
VREF
VREFIN
MB39C014
4
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com