Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34063API Datasheet (PDF) - ON Semiconductor

34063API Datasheet PDF - ON Semiconductor
Part # 34063API
Download  34063API Download
File Size   200.02 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description DC-to-DC CONVERTER CONTROL CIRCUITS

34063API Datasheet (PDF)

Go To PDF Page Download Datasheet
34063API Datasheet PDF - ON Semiconductor

Part # 34063API
Download  34063API Click to download

File Size   200.02 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description DC-to-DC CONVERTER CONTROL CIRCUITS

34063API Datasheet (HTML) - ON Semiconductor


34063API Product details

1.5 A, Step-Up/Down/Inverting Switching Regulators

The MC34063A Series is a monolithic control circuit containing the primary functions required for DC−to−DC converters. These devices consist of an internal temperature compensated reference, comparator, controlled duty cycle oscillator with an active current limit circuit, driver and high current output switch. This series was specifically designed to be incorporated in Step−Down and Step−Up and Voltage−Inverting applications with a minimum number of external components. Refer to Application Notes AN920A/D and AN954/D for additional design information.

Features
• Operation from 3.0 V to 40 V Input
• Low Standby Current
• Current Limiting
• Output Switch Current to 1.5 A
• Output Voltage Adjustable
• Frequency Operation to 100 kHz
• Precision 2% Reference
• NCV Prefix for Automotive and Other Applications Requiring
    Unique Site and Control Change Requirements; AEC−Q100
    Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Similar Part No. - 34063API

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
34063API ONSEMI-34063API Datasheet
1Mb / 15P
1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
34063API ONSEMI-34063API Datasheet
1Mb / 15P
1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
34063API ONSEMI-34063API Datasheet
1Mb / 15P
1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
34063API ONSEMI-34063API Datasheet
159Kb / 13P
1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
More results


Similar Description - 34063API

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL34063A SLS-SL34063A Datasheet
73Kb / 2P
DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
List of Unclassifed Man...
34063A ETC-34063A Datasheet
115Kb / 2P
DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
Suntac Electronic Corp.
S34063 SUNTAC-S34063 Datasheet
147Kb / 6P
DC-to-DC CONVERTER CONTROL CIRCUITS
logo
Wing Shing Computer Com...
MC34063A WINGS-MC34063A Datasheet
436Kb / 15P
DC-TO-DC Converter Control Circuits
logo
Linear Dimensions Semic...
LND34063A LINEAR_DIMENSIONS-LND34063A Datasheet
156Kb / 7P
DC-to-DC Converter Control Circuits
logo
Estek Electronics Co. L...
KGM34063AS ESTEK-KGM34063AS Datasheet
230Kb / 13P
DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
Tiger Electronic Co.,Lt...
MC34063A TGS-MC34063A Datasheet
523Kb / 9P
DC-to-DC Converter Control Circuits
MC34063AD TGS-MC34063AD Datasheet
523Kb / 9P
DC-to-DC Converter Control Circuits
logo
Guangdong Kexin Industr...
KM34064 KEXIN-KM34064 Datasheet
336Kb / 7P
DC-to-DC Converter Control Circuits
MC34063A KEXIN-MC34063A Datasheet
2Mb / 7P
DC-to-DC Converter Control Circuits
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com