Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34063API Datasheet(PDF) 8 Page - ON Semiconductor

Part # 34063API
Description  DC-to-DC CONVERTER CONTROL CIRCUITS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

34063API Datasheet(HTML) 8 Page - ON Semiconductor

Back Button 34063API Datasheet HTML 4Page - ON Semiconductor 34063API Datasheet HTML 5Page - ON Semiconductor 34063API Datasheet HTML 6Page - ON Semiconductor 34063API Datasheet HTML 7Page - ON Semiconductor 34063API Datasheet HTML 8Page - ON Semiconductor 34063API Datasheet HTML 9Page - ON Semiconductor 34063API Datasheet HTML 10Page - ON Semiconductor 34063API Datasheet HTML 11Page - ON Semiconductor 34063API Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MC34063A MC33063A
8
MOTOROLA ANALOG IC DEVICE DATA
5.45
′′
2.500
′′
(Top view, copper foil as seen through the board from the component side)
(Top View, Component Side)
*Optional Filter.
Figure 13. Printed Circuit Board and Component Layout
(Circuits of Figures 7, 9, 11)
MC34063A
MC34063A
MC34063A
INDUCTOR DATA
Converter
Inductance (
µH)
Turns/Wire
Step–Up
170
38 Turns of #22 AWG
Step–Down
220
48 Turns of #22 AWG
Voltage–Inverting
88
28 Turns of #22 AWG
All inductors are wound on Magnetics Inc. 55117 toroidal core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com