Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34063API Datasheet(PDF) 5 Page - ON Semiconductor

Part # 34063API
Description  DC-to-DC CONVERTER CONTROL CIRCUITS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

34063API Datasheet(HTML) 5 Page - ON Semiconductor

  34063API Datasheet HTML 1Page - ON Semiconductor 34063API Datasheet HTML 2Page - ON Semiconductor 34063API Datasheet HTML 3Page - ON Semiconductor 34063API Datasheet HTML 4Page - ON Semiconductor 34063API Datasheet HTML 5Page - ON Semiconductor 34063API Datasheet HTML 6Page - ON Semiconductor 34063API Datasheet HTML 7Page - ON Semiconductor 34063API Datasheet HTML 8Page - ON Semiconductor 34063API Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC34063A MC33063A
5
MOTOROLA ANALOG IC DEVICE DATA
170
µH
L
8
180
7
Rsc
0.22
6
Vin
12 V
100
+
5
R1
2.2 k
R2
47 k
SQ
R
Q2
Q1
Ipk
Osc
CT
VCC
+
Comp.
1.25 V
Ref
Reg
1
2
3
4
1N5819
CT
1500
pF
330
CO
+
Vout
28 V/175 mA
Vout
1.0
µH
+
100
Optional Filter
Figure 7. Step–Up Converter
Test
Conditions
Results
Line Regulation
Vin = 8.0 V to 16 V, IO = 175 mA
30 mV =
±0.05%
Load Regulation
Vin = 12 V, IO = 75 mA to 175 mA
10 mV =
±0.017%
Output Ripple
Vin = 12 V, IO = 175 mA
400 mVpp
Efficiency
Vin = 12 V, IO = 175 mA
87.7%
Output Ripple With Optional Filter
Vin = 12 V, IO = 175 mA
40 mVpp
8a. External NPN Switch
8b. External NPN Saturated Switch
(See Note 5)
8
7
6
Rsc
Vin
1
2
Vout
R
R
³ 0 for
constant Vin
NOTE:
5. If the output switch is driven into hard saturation (non–Darlington configuration) at low switch currents (
≤ 300 mA) and high driver currents
(
≥ 30 mA), it may take up to 2.0 µs to come out of saturation. This condition will shorten the off time at frequencies ≥ 30 kHz, and is magnified
at high temperatures. This condition does not occur with a Darlington configuration, since the output switch cannot saturate. If a non–Darlington
configuration is used, the following output drive condition is recommended.
8
7
6
Rsc
Vin
1
2
Vout
Figure 8. External Current Boost Connections for IC Peak Greater than 1.5 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com