Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34063API Datasheet(PDF) 7 Page - ON Semiconductor

Part # 34063API
Description  DC-to-DC CONVERTER CONTROL CIRCUITS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

34063API Datasheet(HTML) 7 Page - ON Semiconductor

Back Button 34063API Datasheet HTML 3Page - ON Semiconductor 34063API Datasheet HTML 4Page - ON Semiconductor 34063API Datasheet HTML 5Page - ON Semiconductor 34063API Datasheet HTML 6Page - ON Semiconductor 34063API Datasheet HTML 7Page - ON Semiconductor 34063API Datasheet HTML 8Page - ON Semiconductor 34063API Datasheet HTML 9Page - ON Semiconductor 34063API Datasheet HTML 10Page - ON Semiconductor 34063API Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC34063A MC33063A
7
MOTOROLA ANALOG IC DEVICE DATA
1.25 V
Ref
Reg
Vout
–12 V/100 mA
Vout
1.0
µH
+
100
Optional Filter
8
7
Rsc
0.24
6
Vin
4.5 V to 6.0 V
100
+
5
R2
8.2 k
SQ
R
Q2
Q1
Ipk
Osc
CT
Comp.
R1
953
1
2
3
4
+
1500
pF
+
–
1N5819
1000
µf
+
88
µH
VCC
CO
L
Figure 11. Voltage Inverting Converter
Test
Conditions
Results
Line Regulation
Vin = 4.5 V to 6.0 V, IO = 100 mA
3.0 mV =
±0.012%
Load Regulation
Vin = 5.0 V, IO = 10 mA to 100 mA
0.022 V =
±0.09%
Output Ripple
Vin = 5.0 V, IO = 100 mA
500 mVpp
Short Circuit Current
Vin = 5.0 V, RL = 0.1 Ω
910 mA
Efficiency
Vin = 5.0 V, IO = 100 mA
62.2%
Output Ripple With Optional Filter
Vin = 5.0 V, IO = 100 mA
70 mVpp
12a. External NPN Switch
12b. External PNP Saturated Switch
8
7
6
Vin
1
2
Vout
8
7
6
Vin
1
2
Vout
Figure 12. External Current Boost Connections for IC Peak Greater than 1.5 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com