Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34063API Datasheet(PDF) 1 Page - ON Semiconductor

Part # 34063API
Description  DC-to-DC CONVERTER CONTROL CIRCUITS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

34063API Datasheet(HTML) 1 Page - ON Semiconductor

  34063API Datasheet HTML 1Page - ON Semiconductor 34063API Datasheet HTML 2Page - ON Semiconductor 34063API Datasheet HTML 3Page - ON Semiconductor 34063API Datasheet HTML 4Page - ON Semiconductor 34063API Datasheet HTML 5Page - ON Semiconductor 34063API Datasheet HTML 6Page - ON Semiconductor 34063API Datasheet HTML 7Page - ON Semiconductor 34063API Datasheet HTML 8Page - ON Semiconductor 34063API Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MC33063AVP
Plastic DIP
Order this document by MC34063A/D
MC34063A
MC33063A
DC–to–DC CONVERTER
CONTROL CIRCUITS
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
P, P1 SUFFIX
PLASTIC PACKAGE
CASE 626
PIN CONNECTIONS
SEMICONDUCTOR
TECHNICAL DATA
8
1
1
8
1
Switch
Collector
Switch
Emitter
Timing
Capacitor
Gnd
Driver
Collector
Ipk Sense
VCC
Comparator
Inverting
Input
(Top View)
Device
Operating
Temperature Range
Package
ORDERING INFORMATION
MC33063AD
MC33063AP1
TA = – 40° to +85°C
SO–8
Plastic DIP
MC33063AVD
TA = –40° to +125°C
SO–8
2
3
45
6
7
8
MC34063AD
SO–8
MC34063AP1
TA = 0° to +70°C
Plastic DIP
1
MOTOROLA ANALOG IC DEVICE DATA
DC-to-DC Converter
Control Circuits
The MC34063A Series is a monolithic control circuit containing the
primary functions required for DC–to–DC converters. These devices consist
of an internal temperature compensated reference, comparator, controlled
duty cycle oscillator with an active current limit circuit, driver and high current
output switch. This series was specifically designed to be incorporated in
Step–Down and Step–Up and Voltage–Inverting applications with a
minimum number of external components. Refer to Application Notes
AN920A/D and AN954/D for additional design information.
Operation from 3.0 V to 40 V Input
Low Standby Current
Current Limiting
Output Switch Current to 1.5 A
Output Voltage Adjustable
Frequency Operation to 100 kHz
Precision 2% Reference
Representative Schematic Diagram
SQ
R
Q2
Q1
100
Ipk
Oscillator CT
Comparator
+
1.25 V
Reference
Regulator
1
2
3
4
5
6
7
8
Drive
Collector
Ipk
Sense
VCC
Comparator
Inverting
Input
Switch
Collector
Switch
Emitter
Timing
Capacitor
Gnd
(Bottom View)
This device contains 51 active transistors.
© Motorola, Inc. 1996
Rev 5


Similar Part No. - 34063API

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
34063API ONSEMI-34063API Datasheet
1Mb / 15P
1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
34063API ONSEMI-34063API Datasheet
1Mb / 15P
1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
34063API ONSEMI-34063API Datasheet
1Mb / 15P
1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
34063API ONSEMI-34063API Datasheet
159Kb / 13P
1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
More results

Similar Description - 34063API

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL34063A SLS-SL34063A Datasheet
73Kb / 2P
DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
List of Unclassifed Man...
34063A ETC-34063A Datasheet
115Kb / 2P
DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
Suntac Electronic Corp.
S34063 SUNTAC-S34063 Datasheet
147Kb / 6P
DC-to-DC CONVERTER CONTROL CIRCUITS
logo
Wing Shing Computer Com...
MC34063A WINGS-MC34063A Datasheet
436Kb / 15P
DC-TO-DC Converter Control Circuits
logo
Linear Dimensions Semic...
LND34063A LINEAR_DIMENSIONS-LND34063A Datasheet
156Kb / 7P
DC-to-DC Converter Control Circuits
logo
Estek Electronics Co. L...
KGM34063AS ESTEK-KGM34063AS Datasheet
230Kb / 13P
DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
Tiger Electronic Co.,Lt...
MC34063A TGS-MC34063A Datasheet
523Kb / 9P
DC-to-DC Converter Control Circuits
MC34063AD TGS-MC34063AD Datasheet
523Kb / 9P
DC-to-DC Converter Control Circuits
logo
Guangdong Kexin Industr...
KM34064 KEXIN-KM34064 Datasheet
336Kb / 7P
DC-to-DC Converter Control Circuits
MC34063A KEXIN-MC34063A Datasheet
2Mb / 7P
DC-to-DC Converter Control Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com