Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34063API Datasheet(PDF) 9 Page - ON Semiconductor

Part # 34063API
Description  DC-to-DC CONVERTER CONTROL CIRCUITS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

34063API Datasheet(HTML) 9 Page - ON Semiconductor

Back Button 34063API Datasheet HTML 4Page - ON Semiconductor 34063API Datasheet HTML 5Page - ON Semiconductor 34063API Datasheet HTML 6Page - ON Semiconductor 34063API Datasheet HTML 7Page - ON Semiconductor 34063API Datasheet HTML 8Page - ON Semiconductor 34063API Datasheet HTML 9Page - ON Semiconductor 34063API Datasheet HTML 10Page - ON Semiconductor 34063API Datasheet HTML 11Page - ON Semiconductor 34063API Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MC34063A MC33063A
9
MOTOROLA ANALOG IC DEVICE DATA
Figure 14. Design Formula Table
Calculation
Step–Up
Step–Down
Voltage–Inverting
ton/toff
Vout ) VF * Vin(min)
V
in(min) *
Vsat
Vout ) VF
V
in(min) *
Vsat * Vout
|Vout| ) VF
V
in *
Vsat
(ton + toff)
1
f
1
f
1
f
toff
ton ) toff
ton
t
off
) 1
ton ) toff
ton
t
off
) 1
ton ) toff
ton
t
off
) 1
ton
(ton + toff) – toff
(ton + toff) – toff
(ton + toff) – toff
CT
4.0 x 10–5 ton
4.0 x 10–5 ton
4.0 x 10–5 ton
Ipk(switch)
2I
out(max)
ton
t
off
) 1
2I
out(max)
2I
out(max)
ton
t
off
) 1
Rsc
0.3/Ipk(switch)
0.3/Ipk(switch)
0.3/Ipk(switch)
L(min)
(V
in(min) *
Vsat)
I
pk(switch)
t
on(max)
(V
in(min) *
Vsat * Vout)
I
pk(switch)
t
on(max)
(V
in(min) *
Vsat)
I
pk(switch)
t
on(max)
CO
9
Ioutton
V
ripple(pp)
I
pk(switch)
(ton ) toff)
8V
ripple(pp)
9
Ioutton
V
ripple(pp)
Vsat = Saturation voltage of the output switch.
VF = Forward voltage drop of the output rectifier.
The following power supply characteristics must be chosen:
Vin – Nominal input voltage.
Vout – Desired output voltage,
Iout – Desired output current.
fmin – Minimum desired output switching frequency at the selected values of Vin and IO.
Vripple(pp) – Desired peak–to–peak output ripple voltage. In practice, the calculated capacitor value will need to be increased due to its equivalent series
Vripple(pp) – resistance and board layout. The ripple voltage should be kept to a low value since it will directly affect the line and load regulation.
NOTE:
For further information refer to Application Note AN920A/D and AN954/D.
|Vout| + 1.25 1 )
R2
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com