Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34063API Datasheet(PDF) 6 Page - ON Semiconductor

Part # 34063API
Description  DC-to-DC CONVERTER CONTROL CIRCUITS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

34063API Datasheet(HTML) 6 Page - ON Semiconductor

Back Button 34063API Datasheet HTML 2Page - ON Semiconductor 34063API Datasheet HTML 3Page - ON Semiconductor 34063API Datasheet HTML 4Page - ON Semiconductor 34063API Datasheet HTML 5Page - ON Semiconductor 34063API Datasheet HTML 6Page - ON Semiconductor 34063API Datasheet HTML 7Page - ON Semiconductor 34063API Datasheet HTML 8Page - ON Semiconductor 34063API Datasheet HTML 9Page - ON Semiconductor 34063API Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC34063A MC33063A
6
MOTOROLA ANALOG IC DEVICE DATA
1.25 V
Ref
Reg
Vout
5.0 V/500 mA
1.0
µH
Vout
+
100
Optional Filter
8
7
Rsc
0.33
6
Vin
25 V
100
+
R1
1.2 k
R2
3.6 k
SQ
R
Q2
Q1
Ipk
Osc
CT
VCC
+
Comp.
1
2
3
4
CT
470
pF
470
CO
+
5
L
1N5819
220
µH
Figure 9. Step–Down Converter
Test
Conditions
Results
Line Regulation
Vin = 15 V to 25 V, IO = 500 mA
12 mV =
±0.12%
Load Regulation
Vin = 25 V, IO = 50 mA to 500 mA
3.0 mV =
±0.03%
Output Ripple
Vin = 25 V, IO = 500 mA
120 mVpp
Short Circuit Current
Vin = 25 V, RL = 0.1 Ω
1.1 A
Efficiency
Vin = 25 V, IO = 500 mA
83.7%
Output Ripple With Optional Filter
Vin = 25 V, IO = 500 mA
40 mVpp
10a. External NPN Switch
10b. External PNP Saturated Switch
8
7
6
Rsc
Vin
1
2
Vout
8
7
6
Rsc
Vin
1
2
Vout
Figure 10. External Current Boost Connections for IC Peak Greater than 1.5 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com