Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM330ISTR Datasheet (PDF) - STMicroelectronics

ISM330ISTR Datasheet PDF - STMicroelectronics
Part # ISM330ISTR
Download  ISM330ISTR Download
File Size   3497.57 Kbytes
Page   105 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit

ISM330ISTR Datasheet (PDF)

Go To PDF Page Download Datasheet
ISM330ISTR Datasheet PDF - STMicroelectronics

Part # ISM330ISTR
Download  ISM330ISTR Click to download

File Size   3497.57 Kbytes
Page   105 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit

ISM330ISTR Datasheet (HTML) - STMicroelectronics


ISM330ISTR Product details

Description
The ISM330IS is a system-in-package featuring a 3-axis digital accelerometer and a
3-axis digital gyroscope, boosting performance at 0.59 mA in high-performance mode
and enabling always-on low-power features for optimal motion results in industrial
and IoT solutions.
The ISM330IS has a full-scale acceleration range of ±2/±4/±8/±16 g and an angular
rate range of ±125/±250/±500/±1000/±2000 dps.
The ISM330IS features programmable interrupts and an on-chip sensor hub which
includes up to 6 sensors: the internal accelerometer & gyroscope and 4 external
sensors.
The ISM330IS embeds a new ST category of processing, ISPU (intelligent sensor
processing unit) to support real-time applications that rely on sensor data. The
ISPU is an ultra-low-power, high-performance programmable core which can execute
signal processing and AI algorithms in the edge. The main benefits of the ISPU are C
programming and an enhanced ecosystem with libraries and 3rd party tools/IDE.
Its optimized ultra-low-power hardware circuitry for real-time execution of the algorithms is a state-of-the-art feature for any wireless sensor node from small equipment or accessories to enterprise solutions for Industry 5.0 (for example, anomaly detection, asset tracking, factory automation, and so forth). The ISM330IS is available in a plastic land grid array (LGA) package.

Features
• 3-axis accelerometer with selectable full scale: ±2/±4/±8/±16 g
• 3-axis gyroscope with selectable full scale: ±125/±250/±500/±1000/±2000 dps
• Embedded ISPU: ultra-low-power, high-performance programmable core to
execute signal processing and AI algorithms in the edge for a seamless digitallife
experience
• Low-power consumption: 0.59 mA in high-performance mode, 0.46 mA in lowpower
mode (gyroscope + accelerometer only, ISPU not included)
• Low noise: 70 μg/√Hz in high-performance mode
• Sensor hub feature to efficiently collect data from additional external sensors (up
to 4 external sensors)
• SPI / I²C serial interface
• Analog supply voltage: 1.71 V to 3.6 V with independent IO supply (1.62 V)
• Temperature range from -40 to +85 °C
• Embedded temperature sensor
• Compact footprint: 2.5 mm x 3 mm x 0.83 mm
• ECOPACK and RoHS compliant

Applications
• Industrial robots
• Asset tracking
• Anomaly detection and condition monitoring
• Event detection in alarms and smart homes
• Complex motion detection and gesture recognition for personal health
• IoT and connected devices




Similar Part No. - ISM330ISTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ISM330BX STMICROELECTRONICS-ISM330BX Datasheet
7Mb / 150P
6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
04-Jun-2024
ISM330BX STMICROELECTRONICS-ISM330BX Datasheet
7Mb / 150P
6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
04-Jun-2024
ISM330BXTR STMICROELECTRONICS-ISM330BXTR Datasheet
7Mb / 150P
6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
04-Jun-2024
ISM330DHCX STMICROELECTRONICS-ISM330DHCX Datasheet
1Mb / 11P
SensorTile Wireless Industrial Node development kit and reference
Rev 4 - May 2020
ISM330DHCX STMICROELECTRONICS-ISM330DHCX Datasheet
182Kb / 4P
Motion MEMS and microphone MEMS expansion board for STM32 Nucleo
11-Nov-2019
More results


Similar Description - ISM330ISTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DS3US STMICROELECTRONICS-LSM6DS3US Datasheet
1Mb / 104P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
April 2016 Rev 4
LSM6DSL STMICROELECTRONICS-LSM6DSL Datasheet
1Mb / 113P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2016 Rev 5
LSM6DSR STMICROELECTRONICS-LSM6DSR Datasheet
2Mb / 168P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
Rev 2
LSM6DSO16IS STMICROELECTRONICS-LSM6DSO16IS Datasheet
3Mb / 107P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
01-Jun-2022
LSM6DSO32 STMICROELECTRONICS-LSM6DSO32 Datasheet
1Mb / 153P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
13-Mar-2020
LSM6DSOX STMICROELECTRONICS-LSM6DSOX Datasheet
3Mb / 199P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
LSM6DSTX STMICROELECTRONICS-LSM6DSTX Datasheet
5Mb / 175P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core
21-Jul-2022
LSM6DSV STMICROELECTRONICS-LSM6DSV Datasheet
4Mb / 187P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope
15-Jul-2022
LSM6DSV16X STMICROELECTRONICS-LSM6DSV16X Datasheet
5Mb / 196P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
15-Jul-2022
LSM6DSO STMICROELECTRONICS-LSM6DSO Datasheet
2Mb / 172P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com