Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963T-TR Datasheet (PDF) - STMicroelectronics

L9963T-TR Datasheet PDF - STMicroelectronics
Part # L9963T-TR
Download  L9963T-TR Download
File Size   1586.04 Kbytes
Page   45 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive general purpose SPI to isolated SPI transceiver

L9963T-TR Datasheet (PDF)

Go To PDF Page Download Datasheet
L9963T-TR Datasheet PDF - STMicroelectronics

Part # L9963T-TR
Download  L9963T-TR Click to download

File Size   1586.04 Kbytes
Page   45 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive general purpose SPI to isolated SPI transceiver

L9963T-TR Datasheet (HTML) - STMicroelectronics


L9963T-TR Product details

Features
• AEC-Q100 qualified
• Full ISO26262 compliant, ASIL-D systems ready
• Compatible with both 3.3 V and 5 V logics
• Supports both XFMR and Capacitive isolation
• 10 MHz SPI peripheral for SPI Slave operation. Configurable SPI frequency
(250 kHz to 8 MHz) for SPI Master operation
• 333 kbps and 2.66 Mbps Vertical InterFace (VIF) for isolated SPI communication
• Low standby current

Description
L9963T is a general purpose SPI to isolated SPI transceiver intended to create a
communication bridge between devices located into different voltage domains.
L9963T is able to transfer communication data incoming from a classical 4-wire
based SPI interface to a 2-wire isolated interface (and viceversa).
The transceiver supports both transformer and capacitive isolation, since the isolated
signal generated according to a proprietary protocol is suitable to be transmitted over
both decoupling circuitries.
The device can be configured either as Slave or as Master of the SPI bus and
supports any protocol made of SPI frames 8 to 64 bit long. The transceiver manages
the transfer of the information without performing any protocol check.
SPI peripheral can work up to 10 MHz when configured as Slave. SPI clock
frequency can be programmed among (250 kHz; 1 MHz; 4 MHz; 8 MHz) when
configured as Master.
Isolated SPI peripheral features two different operating modes: slow @333 kbps and
fast @2.66 Mbps.
The asynchronicity between the two sides is internally managed, allowing all possible
configuration frequencies on both peripherals to be used in application.
L9963T features an internal queue of 3 slots for the frames received on the SPI port
and a queue of 20 slots for the ones received on the isolated SPI side. This allows
buffering and decoupling the two different clock domains.
The device is natively compatible with L9963 isolated SPI, allowing its usage in the
BMS applications.
L9963T is compatible with both 3.3 V and 5 V logics.

Application
• Automotive: 48 V and high-voltage systems
• Backup energy storage systems and UPS
• Industrial communication networks
• Portable and semi-portable equipment
• Remote sensors




Similar Part No. - L9963T-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9963 STMICROELECTRONICS-L9963 Datasheet
440Kb / 11P
Automotive chip for battery management applications
03-Oct-2019
L9963E STMICROELECTRONICS-L9963E Datasheet
9Mb / 184P
Automotive Multicell battery monitoring and balancing IC
Rev 4 - June 2021
L9963E STMICROELECTRONICS-L9963E Datasheet
11Mb / 184P
Automotive Multicell battery monitoring and balancing IC
21-Nov-2022
L9963E-TR STMICROELECTRONICS-L9963E-TR Datasheet
9Mb / 184P
Automotive Multicell battery monitoring and balancing IC
Rev 4 - June 2021
L9963E-TR STMICROELECTRONICS-L9963E-TR Datasheet
11Mb / 184P
Automotive Multicell battery monitoring and balancing IC
21-Nov-2022
More results


Similar Description - L9963T-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT88P8344 IDT-IDT88P8344 Datasheet
648Kb / 98P
SPI EXCHANGE 4 x SPI-3 TO SPI-4 Issue 1.0
logo
Integrated Silicon Solu...
IS25C32B ISSI-IS25C32B Datasheet
591Kb / 15P
32K-BIT SPI AUTOMOTIVE EEPROM
logo
ATMEL Corporation
AT25080A ATMEL-AT25080A_14 Datasheet
706Kb / 19P
SPI Automotive Temperature Serial EEPROMs
AT25080B ATMEL-AT25080B_14 Datasheet
729Kb / 20P
SPI Automotive Temperature Serial EEPROMs
AT25160B ATMEL-AT25160B_14 Datasheet
729Kb / 20P
SPI Automotive Temperature Serial EEPROMs
logo
Seiko Instruments Inc
S25C128A SII-S25C128A Datasheet
407Kb / 31P
SPI SERIAL E2PROM FOR AUTOMOTIVE
S25C160A SII-S25C160A Datasheet
408Kb / 31P
SPI SERIAL E2PROM FOR AUTOMOTIVE
logo
IC-Haus GmbH
IC-MCB ICHAUS-IC-MCB Datasheet
1Mb / 28P
SPI-TO-BiSS BRIDGE WITH RS422 TRANSCEIVER
logo
Maxim Integrated Produc...
MAX17841B MAXIM-MAX17841B Datasheet
1Mb / 33P
Automotive SPI Communication Interface (ASCI)
Rev 2; 1/15
logo
Renesas Technology Corp
IDT88P8342 RENESAS-IDT88P8342 Datasheet
685Kb / 98P
SPI EXCHANGE 2 x SPI-3 TO SPI-4 Issue 1.0
APRIL 2006
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com