Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963T-TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9963T-TR
Description  Automotive general purpose SPI to isolated SPI transceiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963T-TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9963T-TR Datasheet HTML 5Page - STMicroelectronics L9963T-TR Datasheet HTML 6Page - STMicroelectronics L9963T-TR Datasheet HTML 7Page - STMicroelectronics L9963T-TR Datasheet HTML 8Page - STMicroelectronics L9963T-TR Datasheet HTML 9Page - STMicroelectronics L9963T-TR Datasheet HTML 10Page - STMicroelectronics L9963T-TR Datasheet HTML 11Page - STMicroelectronics L9963T-TR Datasheet HTML 12Page - STMicroelectronics L9963T-TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
3
Functional description
In the following paragraphs, the functionalities of the device are listed and described in detail.
3.1
Internal oscillators
L9963T features two internal oscillators for both main and stand-by functionalities.
Table 8. Device oscillators
Symbol
PARAMETER
MIN
TYP
MAX
UNIT
fMAIN_OSC
Internal MAIN Oscillator frequency
15
16
17
MHz
fSTBY_OSC
Internal STBY Oscillator frequency
24
32
50
kHz
3.2
Pin configuration
All device pins are hereby described.
3.2.1
Digital I/Os
In the following paragraph, the functionality of the Digital I/Os is explained.
BNE/CPOL, TXEN/CHPA are used as standard digital input (Schmitt trigger) or digital output (Output buffer)
configuration, depending on the configuration defined by digital NSLAVE pin.
DIS is used as standard digital input (Schmitt trigger) or digital output (Open Drain) configuration, depending on
the state the device is in. When it’s in STAND-BY state and a wake up comes from ISO line the DIS pin is driven
low by L9963T.
NSLAVE, ISOFREQ, TXAMP are used as standard digital input (Schmitt trigger) for the configuration of device.
3.2.1.1
SPI pin
SDO, SCK, SDI, NCS pins implement the SPI peripheral, whose configuration depends on the NSLAVE value
latched at first power up:
•
SDI is always configured as digital input. It is internally pulled down with RIN_PD in order to generate a 0x0
frame in case of pin loss (purpose is to lead to CRC violation in safety applications). Its buffer is enabled
only in Normal state.
•
SDO is always configured as digital output. Its buffer is enabled only if NCS is asserted. An external pull
up/pull down resistor defines the inactive level of the line.
•
SCK, NCS can be either configured as digital input (NSLAVE = 0, SPI Slave) or as digital output (NSLAVE =
1, SPI Master):
–
SCK pin is internally pulled down with RIN_PD in order to stabilize clock signal to logic ‘0’ in case of pin
loss.
–
NCS pin is internally pulled up with RIN_PU in order to disable SPI peripheral in case of pin loss.
–
When SCK and NCS are configured as digital input (NSLAVE = 0), the output buffers are permanently
disabled after Trimming & Config Latch is left.
–
When SCK and NCS are configured as digital output (NSLAVE = 1), the NCS inactive level is high, and
it is actively forced by the output buffer while no SPI communication is ongoing. The SCK inactive level
depends on the CPOL value latched in Trimming & Config Latch state, and it is actively forced by the
output buffer while no SPI communication is ongoing.
The selective enable/disable of the buffers helps reducing the power consumption of the device when SPI works
at high frequencies.
L9963T
Functional description
DS13590 - Rev 4
page 9/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com