Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963T-TR Datasheet(PDF) 19 Page - STMicroelectronics

Part # L9963T-TR
Description  Automotive general purpose SPI to isolated SPI transceiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963T-TR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L9963T-TR Datasheet HTML 15Page - STMicroelectronics L9963T-TR Datasheet HTML 16Page - STMicroelectronics L9963T-TR Datasheet HTML 17Page - STMicroelectronics L9963T-TR Datasheet HTML 18Page - STMicroelectronics L9963T-TR Datasheet HTML 19Page - STMicroelectronics L9963T-TR Datasheet HTML 20Page - STMicroelectronics L9963T-TR Datasheet HTML 21Page - STMicroelectronics L9963T-TR Datasheet HTML 22Page - STMicroelectronics L9963T-TR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
3.2.2.2
Electrical parameters - Analog input
All parameters are tested and guaranteed in the following conditions, unless otherwise specified: 4.5 V ≤ VVDD ≤
5.5 V ; -40 °C < Tj < 125 °C
Table 16. Analog input electrical characteristics
Symbol
Parameters
Test conditions
Min
Typ
Max
Unit
VCLKTH4
Input Voltage Thresold
Ramp on SPICLKFREQ
-2.5% 2.64 +2.5%
V
VCLKTH3
Input Voltage Thresold
Ramp on SPICLKFREQ
-2.5% 1.98 +2.5%
V
VCLKTH2
Input Voltage Thresold
Ramp on SPICLKFREQ
-3%
1.32
+3%
V
VCLKTH1
Input Voltage Thresold
Ramp on SPICLKFREQ
-7%
0.66
+7%
V
ISPICLKFREQPU
Bias current on SPICLKFREQ, active only in
Trimming & Config Latch
0.75 V < VSPICLKFREQ < 2.5 V -11% 100 +11%
μA
L9963T
Pin configuration
DS13590 - Rev 4
page 19/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com