Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963T-TR Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9963T-TR
Description  Automotive general purpose SPI to isolated SPI transceiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963T-TR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9963T-TR Datasheet HTML 2Page - STMicroelectronics L9963T-TR Datasheet HTML 3Page - STMicroelectronics L9963T-TR Datasheet HTML 4Page - STMicroelectronics L9963T-TR Datasheet HTML 5Page - STMicroelectronics L9963T-TR Datasheet HTML 6Page - STMicroelectronics L9963T-TR Datasheet HTML 7Page - STMicroelectronics L9963T-TR Datasheet HTML 8Page - STMicroelectronics L9963T-TR Datasheet HTML 9Page - STMicroelectronics L9963T-TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
2.3
Absolute maximum rating
Table 3. Absolute maximum rating
Symbol
Parameter
Min typ
Max
Unit
VIO, VDD
Supply Input Voltage
-0.3
-
6.5
V
BNE/CPOL, NSLAVE, DIS, TXEN/CPHA,
ISOFREQ, TXAMP
Digital I/Os
-0.3
-
6.5
V
ISOP, ISOM
Analog I/Oson isolated SPI side
-0.3
-
6.5
V
SDO, SCK, SDI, NCS
Serial Peripheral Interface Communicati on Ports -0.3
-
VIO + 0.3
V
SPICLKFRQ
Analog Input for SPI clock frequency selection
-0.3
-
6.5
V
Note:
all voltages are related to the potential at substrate ground GND.
2.4
ESD protection
Table 4. ESD protection
Item
Condition
Min Typ Max Unit
All pins Except Isolated Communication Terminals and Global pins(1)
HBM(2)
-2
-
2
KV
Isolated Communication Terminals(1)(2) and Global pins versus all GND connected
-4
-
4
KV
All pins except Corner Pins
CDM(3)
-500
-
500
V
Corner Pins
-750
-
750
V
All pins
Latch up(4) -100
-
100
mA
1. Tested per AEC-Q100-002.
2. Isolated Communication Terminals: ISOP, ISOM.
3. Tested per AEC-Q100-011.
4. Tested per AEC-Q100-004, Class-2, Level-A.
Note:
pins are all GND connected together.
2.5
Temperature ranges and thermal data
Table 5. Temperature ranges and thermal data
Symbol
Parameter
Min
Typ
Max
Unit
Tamb
Operating and testing temperature (ECU environment)
-40
-
105
°C
Tj
Junction temperature for all parameters
-40
-
125
°C
Tstg
Storage temperature
-65
-
125
°C
RTHj-amb
Thermal resistance junction-to-ambient
-
-
90
°C/W
L9963T
Absolute maximum rating
DS13590 - Rev 4
page 6/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com