Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963T-TR Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9963T-TR
Description  Automotive general purpose SPI to isolated SPI transceiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963T-TR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9963T-TR Datasheet HTML 18Page - STMicroelectronics L9963T-TR Datasheet HTML 19Page - STMicroelectronics L9963T-TR Datasheet HTML 20Page - STMicroelectronics L9963T-TR Datasheet HTML 21Page - STMicroelectronics L9963T-TR Datasheet HTML 22Page - STMicroelectronics L9963T-TR Datasheet HTML 23Page - STMicroelectronics L9963T-TR Datasheet HTML 24Page - STMicroelectronics L9963T-TR Datasheet HTML 25Page - STMicroelectronics L9963T-TR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
Figure 14. Wake up sequence
T
DIS_PULLDOWN
3.3.2
Reset state
When VDD is below the value triggering the power up, the device is not functional. No operation is possible while
under reset.
3.3.3
Stand-by state
This state is entered either from Reset state or from Regulators disabling state:
•
Transition from Regulators disabling state only occurs upon DIS low → high transition while L9963T is in
Normal state. DIS input signal is filtered in both analog (TRC_DELAY) and digital (TDIS_DEGLITCH) domains.
•
Transition from Reset state only occurs upon first power up, after POR_STBY release.
While in standby, the logic checks the FirstPowerupDone latch, whose reset value is ‘0’ upon first power up:
•
In case FirstPowerupDone = 0, the first power up has never been accomplished. Hence, the device moves
to Regulators enabling state, regardless of any wake up source state.
•
In case FirstPowerupDone = 1, the first power up has already been accomplished. Hence, the device is
kept in Stand-by state and eventual transitions are determined by the wake up sources.
When a wake up source is asserted, it triggers the wake up sequence that will move L9963 to Regulators
enabling state. The possible wakeup sources are:
•
The deassertion of DIS pin, pulled down by an external open drain source (TRC_DELAY + (1/ fSTBY_OSC) filter
applies).
•
The detection of at least NMIN_ISO_WUP_EDGES pulses within TWAKEUP_TIMEOUT_ISO on the ISOline.
3.3.4
Regulators enabling state
This is a transitional state reached from Stand-by state.
While L9963T is in this state, it enables the V3V3 regulator and the OSCI_MAIN.
During this process lasting TWAKEUP the device must not be sensitive to DIS pin, SPI interface and ISOline
sources.Once a wake up sequence is started, it cannot be interrupted.
L9963T
Device functional states
DS13590 - Rev 4
page 22/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com