Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963T-TR Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9963T-TR
Description  Automotive general purpose SPI to isolated SPI transceiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963T-TR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9963T-TR Datasheet HTML 12Page - STMicroelectronics L9963T-TR Datasheet HTML 13Page - STMicroelectronics L9963T-TR Datasheet HTML 14Page - STMicroelectronics L9963T-TR Datasheet HTML 15Page - STMicroelectronics L9963T-TR Datasheet HTML 16Page - STMicroelectronics L9963T-TR Datasheet HTML 17Page - STMicroelectronics L9963T-TR Datasheet HTML 18Page - STMicroelectronics L9963T-TR Datasheet HTML 19Page - STMicroelectronics L9963T-TR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
Symbol
Parameters
Test conditions
Min
Typ Max
Unit
VIN_HYS
Input hysteresis.
Calculation
VIN_H-VIN_L
0.15
-
0.4
V
fCUT_DIG_IN
Input Buffer RC filter. Applies to BNE_CPOL, NSLAVE,
TXEN_CPHA, SPICLKFREQ, DIS.
Design info, not
tested in ATE
0.7
-
1
MHz
TRC_DELAY
Analog delay introduced by the fCUT_DIG_IN RC filter.
VIO = 3.3 V
-
-
700
ns
RIN_PD
Input pull down resistor. Applies to SCK, SDI.
-
70
100
130
kΩ
RIN_PU
Input pull up resistor. Applies to NCS, TXAMP, DIS.
-
70
100
130
kΩ
TTXEN_DEGLITCH
Up/Reset counter to avoid glitches on TXEN input. The
counter counts up if TXEN is stable. The counter is reset
upon a TXEN glitch (whatever slope). TXEN must be
stable at least TTXEN_DEGLITCH before the NCS assertion.
Guaranteed by
SCAN
562.5 625 687.5
ns
TTXEN_HOLD
TXEN hold time after the NCS assertion.
-
-
300
ns
TTXAMP_DEGLITCH
Up/Reset counter to avoid glitches on TXAMP input. The
counter counts up if TXAMP is stable. The counter is reset
upon a TXAMP glitch (whatever slope). TXAMP must be
stable at least TTXAMP_DEGLITCH + TTXAMP_SETUP before
the NCS assertion.
562.5 625 687.5
ns
TTXAMP_HOLD
TXAMP hold time after the NCS assertion.
-
-
300
ns
TISOFREQ_DEGLITCH
Up/Reset counter to avoid glitches on ISOFREQ
input. The counter counts up if ISOFREQ is stable.
The counter is reset upon a ISOFREQ glitch
(whatever slope). ISOFREQ must be stable at least
TISOFREQ_DEGLITCH+TISOFREQ_SETUP before the NCS
assertion.
562.5 625 687.5
ns
TISOFREQ_HOLD
ISOFREQ hold time after the NCS assertion.
-
-
300
ns
IIN_PD
Input pull down current. Applies to NSLAVE, ISOFREQ,
BNE/CPOL.
VPIN = 5 V
35
50
65
μA
IIN_PU
Input pull up current. Applies to TXEN/CPHA.
VPIN = 0 V
35
50
65
μA
3.2.1.8.2
Digital output
3.2.1.8.2.1
Output buffer
All parameters are tested and guaranteed in the following conditions, unless otherwise specified: 4.5 V ≤ VVDD ≤
5.5 V ; -40 °C < Tj < 125 °C
Table 12. Output buffer electrical characteristics
Symbol
Parameters
Test conditions
Min
Typ Max Unit
VOUT_L
Low output level.
I = 2 mA
0
-
0.4
V
VOUT_H
High output level.
I = -2 mA
VIO-0.4
-
VIO
V
TOUT_trans
Digital output Rise and Fall time.
Not valid for SDO.
Cload = 12 0pF 20-80% on rising edge
of DIG_OUT 80-20% on falling edge of
DIG_OUT
5
-
400
ns
TBNE_SHORT_DET
BNE output short detection filter
time.
Guaranteed by SCAN
-
5
-
μs
L9963T
Pin configuration
DS13590 - Rev 4
page 16/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com