Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963T-TR Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9963T-TR
Description  Automotive general purpose SPI to isolated SPI transceiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963T-TR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9963T-TR Datasheet HTML 23Page - STMicroelectronics L9963T-TR Datasheet HTML 24Page - STMicroelectronics L9963T-TR Datasheet HTML 25Page - STMicroelectronics L9963T-TR Datasheet HTML 26Page - STMicroelectronics L9963T-TR Datasheet HTML 27Page - STMicroelectronics L9963T-TR Datasheet HTML 28Page - STMicroelectronics L9963T-TR Datasheet HTML 29Page - STMicroelectronics L9963T-TR Datasheet HTML 30Page - STMicroelectronics L9963T-TR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
Symbol
Parameters
Test conditions
Min
Typ Max Unit
Note
Tpcld
Propagation delay (time
passed after propagating SCK
edge @ at SDO active)
Cload = 60 pF Valid for
SDO
-
-
30
ns
60% of ½ Tclk @ 10 MHz
Tlead
time passed after NCS H/L
edge @ first SCK edge
Application info
100
-
-
ns
-
Tscld
SDI input setup time (time
passed after SDI data valid @
sampling SCK edge)
Application info
10
-
-
ns
20% of ½ Tclk @ 10 MHz
Thcld
SDI input hold time (time
passed after propagating SCK
edge @ SDI data “not valid
anymore” )
Application info
10
-
-
ns
20% of ½ Tclk @ 10 MHz
Tsclch
Time passed after CLK ->
CPOL @ NCS H/L edge
FCLK_SPI = 10 MHz
75
-
-
ns
-
Tlag
Time passed after CLK ->
CPOL @ NCS L/H edge
FCLK_SPI = 10 MHz
100
-
-
ns
-
Thclch
CLK high after NCS high
FCLK_SPI = 10 MHz
100
-
-
ns
-
Tonncs
NCS min high time
FCLK_SPI = 10 MHz
300
-
-
ns
> 4 TMAIN_OSC max value
(considering fMAIN_OSC = 15
MHz)
Tpchdz
NCS L/H to SDO @ high
impedance
FCLK_SPI = 10 MHz
Cload = 60 pF
-
-
75
ns
<<Tonncs
Tcsdv
NCS H/L to SDO active
FCLK_SPI = 10 MHz
Cload = 60 pF
-
-
75
ns
-
Parameters for L9963T SPI Master (NSLAVE = 1)
FCLK_SPI
CLK frequency (50% duty
cycle)
Design info
0.25
-
8
MHz
Selectable among 250 kHz, 1
MHz, 4 MHz, 8 MHz
Tcll
Minimum time CLK = LOW
FCLK_SPI = 8 MHz
58.6 62.5
-
ns
Considering 6.25% internal
clock uncertainty
FCLK_SPI = 4 MHz
117.2 125
-
ns
FCLK_SPI = 1 MHz
468.8 500
-
ns
FCLK_SPI = 250 kHz
1.88
2
-
μs
Tclh
Minimum time CLK = HIGH
FCLK_SPI = 8 MHz
58.6 62.5
-
ns
Considering 6.25% internal
clock uncertainty
FCLK_SPI = 4 MHz
117.2 125
-
ns
FCLK_SPI = 1 MHz
468.8 500
-
ns
FCLK_SPI = 250 kHz
1.88
2
-
μs
Tpcld
Propagation delay (time
passed after propagating SCK
edge @ at SDO active)
FCLK_SPI = 10 MHz
Cload = 60 pF
-
-
25
ns
50% of ½ Tclk @ 10MHz
(Constrained by Slave spec)
Tlead
CLK toggle after NCS = low
FCLK_SPI = 8 MHz
1
-
1.51
μs
Less important when CPHA =
1 because the first SPI data
bit is propagated by the first
SCK edge after the NCS low
FCLK_SPI = 4 MHz
1
-
1.51
μs
FCLK_SPI = 1 MHz
4
-
7.72
μs
FCLK_SPI = 250 kHz
4
-
7.72
μs
Tscld
SDI input setup time (time
passed after SDI data valid @
sampling SCK edge)
FCLK_SPI = 10 MHz
10
-
-
ns
20% of ½ Tclk @ 10 MHz
(Constrained by Slave spec)
L9963T
Serial communication interface
DS13590 - Rev 4
page 27/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com